Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C566T-RFS Datasheet(PDF) 3 Page - Cree, Inc

Part # C566T-RFS
Description  Screen Master짰 5-mm Oval LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C566T-RFS Datasheet(HTML) 3 Page - Cree, Inc

  C566T-RFS Datasheet HTML 1Page - Cree, Inc C566T-RFS Datasheet HTML 2Page - Cree, Inc C566T-RFS Datasheet HTML 3Page - Cree, Inc C566T-RFS Datasheet HTML 4Page - Cree, Inc C566T-RFS Datasheet HTML 5Page - Cree, Inc C566T-RFS Datasheet HTML 6Page - Cree, Inc C566T-RFS Datasheet HTML 7Page - Cree, Inc C566T-RFS Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
Cree 5-mm Oval LED
C566T-RFS/AFS
• Tolerance of measurement of luminous intensity is ±15%
• Tolerance of measurement of dominant wavelength is ±1 nm
Red
Bin Code
Min.(mcd) Max.(mcd)
R0
550
770
S0
770
1100
T0
1100
1520
Red
Bin Code
Min.(nm)
Max.(nm)
RC
620
535
Amber
Bin Code
Min.(mcd) Max.(mcd)
R0
550
770
S0
770
1100
T0
1100
1520
Amber
Bin Code
Min. (nm)
Max. (nm)
A2
584
587
A3
587
590
A4
590
593
A5
593
596
INTENSITY BIN LIMIT (I
F = 20 mA)
COLOR BIN LIMIT (I
F = 20 mA)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com