Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM2D-GPC Datasheet(PDF) 1 Page - Cree, Inc

Part # CLM2D-GPC
Description  PLCC4 1 in 1 SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM2D-GPC Datasheet(HTML) 1 Page - Cree, Inc

  CLM2D-GPC Datasheet HTML 1Page - Cree, Inc CLM2D-GPC Datasheet HTML 2Page - Cree, Inc CLM2D-GPC Datasheet HTML 3Page - Cree, Inc CLM2D-GPC Datasheet HTML 4Page - Cree, Inc CLM2D-GPC Datasheet HTML 5Page - Cree, Inc CLM2D-GPC Datasheet HTML 6Page - Cree, Inc CLM2D-GPC Datasheet HTML 7Page - Cree, Inc CLM2D-GPC Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRODUCT FAMILY DATA SHEET
Cree® PLCC4 1 in 1 SMD LED
CLM2D-GPC/BPC
(30-degree minimum)
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
PRODUCT DESCRIPTION
SMD LEDs is packaged in the industry
standard package. These LEDs have
high reliability performance and are
designed to work under a wide
range of environmental conditions.
This high reliability feature makes
them ideally suited to be used under
Architectural lighting application
conditions
These LEDs are suited for channel
letter,or Architectural lighting
applications. Cree has been
certified in accordance with ISO/
TS16949.
FEATURES
• Size (mm):3.2 x 2.8
• Color and Typical Dominant
Wavelength:
Green (520-535nm)
Blue(465 - 475nm)
• Luminous Intensity (mcd)
CLM2D-GPC:(5600 - 18000)
CLM2D-BPC:(1120 - 3550)
• Viewing angle:
CLM2D-GPC
30-degree minimum
CLM2D-BPC
30-degree minimum
• Moisture Sensitivity Level: 5a
• Lead-Free
• RoHS Compliant
• Untinted Diffused Lens
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Copyright © 2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
APPLICATIONS
• Channel Letter
• Architectural Lighting


Similar Part No. - CLM2D-GPC

ManufacturerPart #DatasheetDescription
logo
Cree LED
CLM2D-GPC-BPC CREELED-CLM2D-GPC-BPC Datasheet
689Kb / 9P
CLM2D-GPC/BPC: PLCC4 Green & Blue SMD LEDs
REV 6
More results

Similar Description - CLM2D-GPC

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLA1A-WKW CREE-CLA1A-WKW Datasheet
354Kb / 8P
PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLA1A MARKTECH-CLA1A Datasheet
542Kb / 10P
PLCC4 1 in 1 SMD LED
CLA1A MARKTECH-CLA1A_15 Datasheet
542Kb / 10P
PLCC4 1 in 1 SMD LED
CLM2B MARKTECH-CLM2B_15 Datasheet
484Kb / 8P
PLCC4 1 in 1 SMD LED
CLM4B MARKTECH-CLM4B_15 Datasheet
446Kb / 8P
PLCC4 1-in-1 SMD LED
CLM4BAKB MARKTECH-CLM4BAKB_15 Datasheet
721Kb / 8P
PLCC4 1 in 1 SMD LED
CLM4B-RKW MARKTECH-CLM4B-RKW_15 Datasheet
439Kb / 8P
PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLM2C-GCA CREE-CLM2C-GCA Datasheet
801Kb / 8P
PLCC4 1-in-1 SMD LED
CLM2D-RCC CREE-CLM2D-RCC Datasheet
800Kb / 8P
PLCC4 1 in 1 SMD LED
CLM4B-BKB CREE-CLM4B-BKB Datasheet
844Kb / 8P
PLCC4 1 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com