Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM2D-RCC Datasheet(PDF) 3 Page - Cree, Inc

Part # CLM2D-RCC
Description  PLCC4 1 in 1 SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM2D-RCC Datasheet(HTML) 3 Page - Cree, Inc

  CLM2D-RCC Datasheet HTML 1Page - Cree, Inc CLM2D-RCC Datasheet HTML 2Page - Cree, Inc CLM2D-RCC Datasheet HTML 3Page - Cree, Inc CLM2D-RCC Datasheet HTML 4Page - Cree, Inc CLM2D-RCC Datasheet HTML 5Page - Cree, Inc CLM2D-RCC Datasheet HTML 6Page - Cree, Inc CLM2D-RCC Datasheet HTML 7Page - Cree, Inc CLM2D-RCC Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
Cree PLCC4 1 in 1 SMD LED
CLM2D-RCC/ACC
COLOR BIN LIMIT (I
F = 20 mA)
Tolerance of measurement of luminous intensity is ±10%.
Red
Bin Code
Min.
(mcd)
Max.
(mcd)
Ya
2800
3550
Yb
3550
4500
Z0
4500
5600
A0
5600
7100
B0
7100
9000
Red
Bin Code
Min.
(nm)
Max.
(nm)
RB
619
624
Tolerance of measurement of dominant wavelength is ±1 nm.
INTENSITY BIN LIMIT (I
F = 20 mA)
Amber
Bin Code
Min.
(nm)
Max.
(nm)
A2
584
587
A3
587
590
A4
590
593
A5
593
596
Amber
Bin Code
Min.
(mcd)
Max.
(mcd)
Ya
2800
3550
Yb
3550
4500
Z0
4500
5600
A0
5600
7100
B0
7100
9000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com