Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM2D-RPC Datasheet(PDF) 4 Page - Cree, Inc

Part # CLM2D-RPC
Description  PLCC4 1 in 1 SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM2D-RPC Datasheet(HTML) 4 Page - Cree, Inc

  CLM2D-RPC Datasheet HTML 1Page - Cree, Inc CLM2D-RPC Datasheet HTML 2Page - Cree, Inc CLM2D-RPC Datasheet HTML 3Page - Cree, Inc CLM2D-RPC Datasheet HTML 4Page - Cree, Inc CLM2D-RPC Datasheet HTML 5Page - Cree, Inc CLM2D-RPC Datasheet HTML 6Page - Cree, Inc CLM2D-RPC Datasheet HTML 7Page - Cree, Inc CLM2D-RPC Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
4
Copyright © 2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
4
Cree PLCC4 1 in 1 SMD LED
CLM2D-RPC/APC
ORDER CODE TABLE*
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Package
Min.
Max.
Color Bin Min.(nm)
Color Bin
Max.(nm)
Red
CLM2D-RPC-CXaZ0BB3
1800
5600
RB
619
RB
624
Reel
Red
CLM2D-RPC-CXbZ0BB3
2240
5600
RB
619
RB
624
Reel
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Package
Min.
Max.
Color Bin Min.(nm)
Color Bin
Max.(nm)
Amber
CLM2D-APC-CXaZ0253
1800
5600
A2
584
A5
596
Reel
Amber
CLM2D-APC-CXbZ0253
2240
5600
A2
584
A5
596
Reel
Amber
CLM2D-APC-CXbZ0343
2240
5600
A3
587
A4
593
Reel
Notes:
1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one
intensity-bin code and one color-bin code will be shipped on each bulk. Single intensity-bin code and single color-bin
codes will not be orderable.
2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com