Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLV6D-FKB Datasheet(PDF) 1 Page - Cree, Inc

Part # CLV6D-FKB
Description  PLCC6 3-in-1 SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLV6D-FKB Datasheet(HTML) 1 Page - Cree, Inc

  CLV6D-FKB Datasheet HTML 1Page - Cree, Inc CLV6D-FKB Datasheet HTML 2Page - Cree, Inc CLV6D-FKB Datasheet HTML 3Page - Cree, Inc CLV6D-FKB Datasheet HTML 4Page - Cree, Inc CLV6D-FKB Datasheet HTML 5Page - Cree, Inc CLV6D-FKB Datasheet HTML 6Page - Cree, Inc CLV6D-FKB Datasheet HTML 7Page - Cree, Inc CLV6D-FKB Datasheet HTML 8Page - Cree, Inc CLV6D-FKB Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PRODUCT FAMILY DATA SHEET
Cree® PLCC6 3
-in-1 SMD LED
CLV6D-FKB
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
PRODUCT DESCRIPTION
These SMD LEDs are packaged in an
industry standard PLCC6 package.
These high performance tricolor SMT
LEDs are designed to work in a wide
range of applications. A wide viewing
angle and high brightness make
these LEDs suitable for outdoor
signage applications.
The encapsulation resin contains UV
inhibitors to minimize the effects of
long-term exposure to direct sunlight,
resulting in stable light output over
the life of the LED.
FEATURES
• Size (mm):5.5 x 5.5
• Dominant Wavelength:
Red (619 - 624nm)
Green (520 - 540nm)
Blue (460 - 480nm)
• Luminous Intensity (mcd)
Red (710 - 1400)
Green (1400- 2800)
Blue (280 - 710)
• Water-Resistant (IPX8)*
• Moisture Sensitivity Level: 5a
• Lead-Free
• RoHS Compliant
• Matte Surface
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
APPLICATIONS
• Outdoor Full-Color Video Screen
• Decorative lighting
• Amusement
*:This part is tested under the condition of assembling it on a PCB with isolating the electrical path by silicone.


Similar Part No. - CLV6D-FKB

ManufacturerPart #DatasheetDescription
logo
SICK AG
CLV610-C0000 SICK-CLV610-C0000 Datasheet
562Kb / 6P
BAR CODE SCANNERS
CLV610-C1000 SICK-CLV610-C1000 Datasheet
562Kb / 6P
BAR CODE SCANNERS
CLV610-C3000 SICK-CLV610-C3000 Datasheet
570Kb / 6P
BAR CODE SCANNERS
logo
Z-Communications, Inc
CLV6115A-LF ZCOMM-CLV6115A-LF Datasheet
99Kb / 2P
Voltage-Controlled Oscillator Surface Mount Module
CLV6115A-LF ZCOMM-CLV6115A-LF Datasheet
59Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
More results

Similar Description - CLV6D-FKB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLP6B-WKW CREE-CLP6B-WKW Datasheet
639Kb / 10P
PLCC6 3-in-1 SMD LED
CLP6C-RKW CREE-CLP6C-RKW Datasheet
493Kb / 8P
PLCC6 3-in-1 SMD LED
CLV6A-FKB CREE-CLV6A-FKB Datasheet
583Kb / 11P
PLCC6 3 in 1 SMD LED
logo
Marktech Corporate
CLP6C-FKB MARKTECH-CLP6C-FKB Datasheet
511Kb / 9P
PLCC6 3 in 1 SMD LED
CLP6C-RKW MARKTECH-CLP6C-RKW Datasheet
493Kb / 8P
PLCC6 3-in-1 SMD LED
CLP6C-FKB MARKTECH-CLP6C-FKB_15 Datasheet
511Kb / 9P
PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLY6D-FKC CREE-CLY6D-FKC Datasheet
1Mb / 10P
PLCC6 3 in 1 SMD LED
CLV6B-FKB CREE-CLV6B-FKB Datasheet
1Mb / 11P
PLCC6 3-in-1 SMD LED
CLX6A-FKB CREE-CLX6A-FKB Datasheet
1Mb / 11P
PLCC6 3 in 1 SMD LED
CLYBA-FKA CREE-CLYBA-FKA Datasheet
1Mb / 10P
PLCC6 3 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com