Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLX6A-FKB Datasheet(PDF) 3 Page - Cree, Inc

Part # CLX6A-FKB
Description  PLCC6 3 in 1 SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLX6A-FKB Datasheet(HTML) 3 Page - Cree, Inc

  CLX6A-FKB Datasheet HTML 1Page - Cree, Inc CLX6A-FKB Datasheet HTML 2Page - Cree, Inc CLX6A-FKB Datasheet HTML 3Page - Cree, Inc CLX6A-FKB Datasheet HTML 4Page - Cree, Inc CLX6A-FKB Datasheet HTML 5Page - Cree, Inc CLX6A-FKB Datasheet HTML 6Page - Cree, Inc CLX6A-FKB Datasheet HTML 7Page - Cree, Inc CLX6A-FKB Datasheet HTML 8Page - Cree, Inc CLX6A-FKB Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2017 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
Cree PLCC6 3 in 1 SMD LED
CLX6A-FKB
COLOR BIN LIMIT (I
F = 20 mA)
Tolerance of measurement of luminous intensity is ±10%.
Tolerance of measurement of dominant wavelength is ±1 nm.
Red
Bin Code
Min.(nm)
Max.(nm)
RB
619
624
Green
Bin Code
Min.(nm)
Max.(nm)
G7
520
525
G23
522.5
527.5
G8
525
530
G45
527.5
532.5
G9
530
535
G67
532.5
537.5
Ga
535
540
Blue
Bin Code
Min.(nm)
Max.(nm)
B3
460
465
B23
462.5
467.5
B4
465
470
B45
467.5
472.5
B5
470
475
B67
472.5
477.5
B6
475
480
Red
Bin Code
Min.(mcd) Max.(mcd)
J
450
560
km
505
635
K
560
710
np
635
805
M
710
900
qr
805
1010
N
900
1120
Green
Bin Code
Min.(mcd) Max.(mcd)
N
900
1120
st
1010
1260
P
1120
1400
vw
1260
1600
Q
1400
1800
xy
1600
2020
R
1800
2240
Blue
Bin Code
Min.(mcd) Max.(mcd)
F
224
280
de
252
318
G
280
355
fg
318
403
H
355
450
hj
403
505
J
450
560
INTENSITY BIN LIMIT (I
F = 20 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com