Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5233-3GDP5 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS5233-3GDP5
Description  500 mA and 1.5 A, 3.3 V Dual Input Linear Regulator with Auxiliary Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5233-3GDP5 Datasheet(HTML) 4 Page - ON Semiconductor

  CS5233-3GDP5 Datasheet HTML 1Page - ON Semiconductor CS5233-3GDP5 Datasheet HTML 2Page - ON Semiconductor CS5233-3GDP5 Datasheet HTML 3Page - ON Semiconductor CS5233-3GDP5 Datasheet HTML 4Page - ON Semiconductor CS5233-3GDP5 Datasheet HTML 5Page - ON Semiconductor CS5233-3GDP5 Datasheet HTML 6Page - ON Semiconductor CS5233-3GDP5 Datasheet HTML 7Page - ON Semiconductor CS5233-3GDP5 Datasheet HTML 8Page - ON Semiconductor CS5233-3GDP5 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CS5233−3
http://onsemi.com
4
PACKAGE PIN DESCRIPTION
Package Lead #
D2PAK−5
SOIC−8 Narrow
Lead Symbol
Function
1
1
VSB
Standby 5.0 V input voltage.
2
2
VIN
5.0 V Main input voltage.
3, Tab
5, 6, 7, 8
GND
Ground and IC substrate connection.
4
3
VOUT
Regulated output voltage.
5
4
AuxDrv
Control voltage for the external PFET switched auxiliary supply. This
pin drives low if VIN and VSB are less than 4.4 V (typical), otherwise
it is pulled up to the greater of VIN or VSB through an internal diode
and 10 k
W resistor.
VIN UV
Comparator
VIN
VSB
AuxDrv
VSB UV
Comparator
Internal
BIAS
Bandgap
Reference
Thermal
Shutdown
Error
Amplifier
ENABLE
ENABLE
Current
Limit
VOUT
GND
−
+
+
−
+
−
Figure 2. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com