Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD-FST Datasheet(PDF) 3 Page - Schurter Inc.

Part # SMD-FST
Description  Surface Mount Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC, Au plating
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

SMD-FST Datasheet(HTML) 3 Page - Schurter Inc.

  SMD-FST_18 Datasheet HTML 1Page - Schurter Inc. SMD-FST_18 Datasheet HTML 2Page - Schurter Inc. SMD-FST_18 Datasheet HTML 3Page - Schurter Inc. SMD-FST_18 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Fuses
SMD-FST
https://www.schurter.com /PG01_2
Fuses
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
0.02–0.1 A
0.125–20 A
Multiple of Rated Current In
All Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
1.0 In max.
[mV]
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.5 In
max. [mW]
Power Dissi-
pation 1.5 In
typ. [mW]
Melting I²t
10.0 Intyp.
[A²s]
Order Number
0.05
250
1)
3500
950
1600
125
0.0363
l
l
0034.5604.11
0.05
250
1)
3500
950
1600
125
0.0363
l
l
0034.5604.22
0.063
250
1)
3000
1300
1600
200
0.0401
l
l
0034.5605.11
0.063
250
1)
3000
1300
1600
200
0.0401
l
l
0034.5605.22
0.08
250
1)
3000
1100
1600
300
0.057
l
l
0034.5606.11
0.08
250
1)
3000
1100
1600
300
0.057
l
l
0034.5606.22
0.1
250
1)
2500
565
1600
155
0.107
l
l
0034.5607.11
0.1
250
1)
2500
565
1600
155
0.107
l
l
0034.5607.22
0.125
250
1)
2000
400
1600
200
0.064
l
l
0034.5608.11
█
0.125
250
1)
2000
400
1600
200
0.064
l
l
0034.5608.22
0.16
250
1)
1900
415
1600
185
0.23
l
l
0034.5609.11
█
0.16
250
1)
1900
415
1600
185
0.23
l
l
0034.5609.22
0.2
250
1)
1500
270
1600
200
0.256
l
l
0034.5610.11
0.2
250
1)
1500
270
1600
200
0.256
l
l
0034.5610.22
0.25
250
1)
1300
210
1600
200
0.238
l
l
0034.5611.11
0.25
250
1)
1300
210
1600
200
0.238
l
l
0034.5611.22
0.315
250
1)
1100
170
1600
200
0.544
l
l
0034.5612.11
0.315
250
1)
1100
170
1600
200
0.544
l
l
0034.5612.22
0.4
250
1)
1000
150
1600
200
0.768
l
l
0034.5613.11
0.4
250
1)
1000
150
1600
200
0.768
l
l
0034.5613.22
0.5
250
1)
900
160
1600
200
3
l
l
0034.5614.11
0.5
250
1)
900
160
1600
200
3
l
l
0034.5614.22
0.63
250
1)
300
160
1600
200
4.35
l
l
0034.5615.11
0.63
250
1)
300
160
1600
200
4.35
l
l
0034.5615.22
0.8
250
1)
250
120
1600
200
3.85
l
l
0034.5616.11
0.8
250
1)
250
120
1600
200
3.85
l
l
0034.5616.22
1
250
1)
150
60
1600
200
3.3
l
l
0034.5617.11
█
1
250
1)
150
60
1600
200
3.3
l
l
0034.5617.22



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com