Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG412 Datasheet(PDF) 2 Page - Intersil Corporation

Part # DG412
Description  Monolithic Quad SPST CMOS Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG412 Datasheet(HTML) 2 Page - Intersil Corporation

  DG412 Datasheet HTML 1Page - Intersil Corporation DG412 Datasheet HTML 2Page - Intersil Corporation DG412 Datasheet HTML 3Page - Intersil Corporation DG412 Datasheet HTML 4Page - Intersil Corporation DG412 Datasheet HTML 5Page - Intersil Corporation DG412 Datasheet HTML 6Page - Intersil Corporation DG412 Datasheet HTML 7Page - Intersil Corporation DG412 Datasheet HTML 8Page - Intersil Corporation DG412 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
DG411/883, DG412/883, DG413/883
Pin Description
PIN
SYMBOL
DESCRIPTION
1
IN1
Logic Control for Switch 1
2
D1
Drain (Output) Terminal for Switch 1
3
S1
Source (Input) Terminal for Switch 1
4
V-
Negative Power Supply Terminal
5
GND
Ground Terminal (Logic Common)
6
S4
Source (Input) Terminal for Switch 4
7
D4
Drain (Output) Terminal for Switch 4
8
IN4
Logic Control for Switch 4
9
IN3
Logic Control for Switch 3
10
D3
Drain (Output) Terminal for Switch 3
11
S3
Source (Input) Terminal for Switch 3
12
VL
Logic Reference Voltage
13
V+
Positive Power Supply Terminal (Substrate)
14
S2
Source (Input) Terminal for Switch 2
15
D2
Drain (Output) Terminal for Switch 2
16
IN2
Logic Control for Switch 2
TRUTH TABLE
LOGIC
DG411/
883
DG412/
883
DG413/883
SWITCH
SWITCH
SWITCH
1, 4
SWITCH
2, 3
0
ON
OFF
OFF
ON
1
OFF
ON
ON
OFF
NOTE: Logic “0”
≤0.8V. Logic “1” ≥2.4V.
Spec Number
512043



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com