Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3152N Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS3152N
Description  Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3152N Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS3152N Datasheet HTML 17Page - Dallas Semiconductor DS3152N Datasheet HTML 18Page - Dallas Semiconductor DS3152N Datasheet HTML 19Page - Dallas Semiconductor DS3152N Datasheet HTML 20Page - Dallas Semiconductor DS3152N Datasheet HTML 21Page - Dallas Semiconductor DS3152N Datasheet HTML 22Page - Dallas Semiconductor DS3152N Datasheet HTML 23Page - Dallas Semiconductor DS3152N Datasheet HTML 24Page - Dallas Semiconductor DS3152N Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
DS3151/DS3152/DS3153/DS3154 Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
21 of 60
Register Name:
SRIEn
Register Description:
Status Register Interrupt Enable
Register Address:
05h, 15h, 25h, 35h
Bit
7
6
5
4
3
2
1
0
Name
—
—
TDMIE
PRBSIE
PBERIE
RCVIE
RLOLIE
RLOSIE
Default
—
—
0
0
0
0
0
0
Bit 5: Transmitter Driver Monitor Interrupt Enable (TDMIE)
0 = mask TDML interrupt
1 = enable TDML interrupt
Bit 4: PRBS Detector Interrupt Enable (PRBSIE)
0 = mask PRBSL interrupt
1 = enable PRBSL interrupt
Bit 3: PRBS Detector Bit-Error Interrupt Enable (PBERIE)
0 = mask PBERL interrupt
1 = enable PBERL interrupt
Bit 2: Receiver Line-Code Violation Interrupt Enable (RCVIE)
0 = mask RCVL interrupt
1 = enable RCVL interrupt
Bit 1: Receiver Loss-of-Clock Lock Interrupt Enable (RLOLIE)
0 = mask RLOLL interrupt
1 = enable RLOLL interrupt
Bit 0: Receiver Loss-of-Signal Interrupt Enable (RLOSIE)
0 = mask RLOSL interrupt
1 = enable RLOSL interrupt
Register Name:
RCVLn
Register Description:
Receiver Code-Violation Count Register (Low Byte)
Register Address:
06h, 16h, 26h, 36h
Bit
7
6
5
4
3
2
1
0
Name
RCV[7]
RCV[6]
RCV[5]
RCV[4]
RCV[3]
RCV[2]
RCV[1]
RCV[0]
Default
0
0
0
0
0
0
0
0
Register Name:
RCVHn
Register Description:
Receiver Code-Violation Count Register (High Byte)
Register Address:
07h, 17h, 27h, 37h
Bit
7
6
5
4
3
2
1
0
Name
RCV[15]
RCV[14]
RCV[13]
RCV[12]
RCV[11]
RCV[10]
RCV[9]
RCV[8]
Default
0
0
0
0
0
0
0
0
Bits 15 to 0: Receiver Code-Violation Counter Register (RCV[15:0]). The RCV registers form a 16-bit register
for reading the line-code violation counter value. The registers are updated with the line-code violation counter
value when the RCVUD control bit is toggled low to high. After the RCV registers are updated, the line-code
violation counter is cleared. The counter operates in two modes, depending on the setting of the ITU bit in the RCR
register. See the RCR register description for details about the ITU control bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com