Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS75452M Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS75452M
Description  Dual Peripheral Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS75452M Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS75452M Datasheet HTML 1Page - National Semiconductor (TI) DS75452M Datasheet HTML 2Page - National Semiconductor (TI) DS75452M Datasheet HTML 3Page - National Semiconductor (TI) DS75452M Datasheet HTML 4Page - National Semiconductor (TI) DS75452M Datasheet HTML 5Page - National Semiconductor (TI) DS75452M Datasheet HTML 6Page - National Semiconductor (TI) DS75452M Datasheet HTML 7Page - National Semiconductor (TI) DS75452M Datasheet HTML 8Page - National Semiconductor (TI) DS75452M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC) (Note 2)
70V
Input Voltage
55V
Inter-Emitter Voltage (Note 3)
55V
Output Voltage (Note 4)
DS55451DS75451 DS55452DS75452
30V
DS55453DS75453 DS55454DS75454
Output Current (Note 5)
DS55451DS75451 DS55452DS75452
300 mA
DS55453DS75453 DS55454DS75454
DS75451234 Maximum Power (Note 5)
Dissipation at 25 C
Cavity Package
1090 mW
Molded DIP Package
957 mW
TO-5 Package
760 mW
SO Package
632 mW
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 4 sec)
260 C
Operating Conditions
Min
Max
Units
Supply Voltage (VCC)
DS5545X
45
55
V
DS7545X
475
525
V
Temperature (TA)
DS5545X
b
55
a
125
C
DS7545X
0
a
70
C
Derate cavity package 73 mW C above 25 C derate molded package
77 mW C above 25 C derate TO-5 package 51 mW C above 25 C
derate SO package 756 mW C above 25 C
Electrical Characteristics
DS55451DS75451 DS55452DS75452 DS55453DS75453 DS55454DS75454 (Notes 6 and 7)
Symbol
Parameter
Conditions
Min Typ
Max
Units
VIH
High-Level Input Voltage
(Figure 7)
2V
VIL
Low-Level Input Voltage
08
V
VI
Input Clamp Voltage
VCC e Min II eb12 mA
b
15
V
VOL
Low-Level Output Voltage
VCC e Min
VIL e 08V IOL e 100 mA
DS55451 DS55453
025
05
V
(Figure 7)
DS75451 DS75453
025
04
V
IOL e 300 mA
DS55451 DS55453
05
08
V
DS75451 DS75453
05
07
V
VIH e 2V
IOL e 100 mA
DS55452 DS55454
025
05
V
DS75452 DS75454
025
04
V
IOL e 300 mA
DS55452 DS55454
05
08
V
DS75452 DS75454
05
07
V
IOH
High-Level Output Current
VCC e Min
VOH e 30V VIH e 2V
DS55451 DS55453
300
m
A
(Figure 7)
DS75451 DS75453
100
m
A
VIL e 08V
DS55452 DS55454
300
m
A
DS75452 DS75454
100
m
A
II
Input Current at Maximum
VCC e Max VI e 55V (Figure 9)
1mA
Input Voltage
IIH
High-Level Input Current
VCC e Max VI e 24V (Figure 9)
40
m
A
IIL
Low-Level Input Current
VCC e Max VI e 04V (Figure 8)
b
1
b
16
mA
ICCH
Supply Current Outputs High VCC e Max VI e 5V
DS55451DS75451
7
11
mA
(Figure 10)
VI e 0V
DS55452DS75452
11
14
mA
VI e 5V
DS55453DS75453
8
11
mA
VI e 0V
DS55454DS75454
13
17
mA
ICCL
Supply Current Outputs Low
VCC e Max VI e 0V
DS55451DS75451
52
65
mA
(Figure 10)
VI e 5V
DS55452DS75452
56
71
mA
VI e 0V
DS55453DS75453
54
68
mA
VI e 5V
DS55454DS75454
61
79
mA
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com