Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLPL90 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SPLPL90
Description  Pulsed Laser Diode in Plastic Package 25 W Peak Power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLPL90 Datasheet(HTML) 2 Page - OSRAM GmbH

  SPLPL90 Datasheet HTML 1Page - OSRAM GmbH SPLPL90 Datasheet HTML 2Page - OSRAM GmbH SPLPL90 Datasheet HTML 3Page - OSRAM GmbH SPLPL90 Datasheet HTML 4Page - OSRAM GmbH SPLPL90 Datasheet HTML 5Page - OSRAM GmbH SPLPL90 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2015-11-20
2
Version 1.5
SPL PL90
Characteristics (T
A = 25 °C)
Duty cycle
dc
0.1
%
Reverse voltage
VR
3
V
Operating temperature
T
op
-40 ... 85
°C
Storage temperature range
T
stg
-40 ... 100
°C
Soldering temperature 1) page 5
T
s
260
°C
Parameter
Symbol
Values
Unit
min
typ
max
Emission wavelength 2) page 5
λ
peak
895
905
915
nm
Spectral width (FWHM) 2) page 5
∆λ
7
nm
Peak output power
2) page 5
Popt
20
25
30
W
Threshold current
Ith
0.5
0.75
1
A
Operating voltage
2) page 5
Vop
3.3
4.3
5.3
V
Rise and fall time
tr, tf
1
ns
Aperture size
w x h
200
x 2
μm x
μm
Beam divergence (FWHM) parallel to pn-junction
Θ
||
9
°
Beam divergence (FWHM) perpendicular to
pn-junction
Θ
⊥
25
°
Temperature coefficient of wavelength
∆λ / ∆T
0.28
nm / K
Temperature coefficient of optical power
∂Pop /
Pop ∂T
-0.4
% / K
Thermal resistance
Rth JA
160
K / W
Parameter
Symbol
Values
Unit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com