Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWT3LSF3.EM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GWT3LSF3.EM
Description  SOLERIQ L 38
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWT3LSF3.EM Datasheet(HTML) 1 Page - OSRAM GmbH

  GWT3LSF3.EM Datasheet HTML 1Page - OSRAM GmbH GWT3LSF3.EM Datasheet HTML 2Page - OSRAM GmbH GWT3LSF3.EM Datasheet HTML 3Page - OSRAM GmbH GWT3LSF3.EM Datasheet HTML 4Page - OSRAM GmbH GWT3LSF3.EM Datasheet HTML 5Page - OSRAM GmbH GWT3LSF3.EM Datasheet HTML 6Page - OSRAM GmbH GWT3LSF3.EM Datasheet HTML 7Page - OSRAM GmbH GWT3LSF3.EM Datasheet HTML 8Page - OSRAM GmbH GWT3LSF3.EM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2017-06-23
GW T3LSF3.EM
Features:
Besondere Merkmale:
Package: Chip-on-Board
Gehäusetyp: Chip-on-Board
Viewing angle at 50 % I
V: 360°
Abstrahlwinkel bei 50 % I
V: 360°
CRI: min. 82
CRI: min. 82
Luminous Flux: typ. 140 lm @ 2700 K
Lichtstrom: typ. 140 lm @ 2700 K
Luminous efficacy: typ. 172 lm/W @ 2700 K
Lichtausbeute: typ. 172 lm/W @ 2700 K
Applications
Anwendungen
Omnidirectional retrofits
Omnidirektionale Retrofits
Retrofits and fixtures
Retrofits
SOLERIQ® L 38
Datasheet
Version 1.3
2017-10-05
1
The DURIS® L 38 combines high efficacy and a
wide beam angle into small footprint ( 32.0mm x
1.8mm), which is ideal choice for all 360° bulb and
candle light application.
DURIS® L 38 bietet hohe Effizienz bei weitem
Abstrahlwinkel, und das bei kompakten Abmessungen
(32,0 mm x 1,8 mm). Dadurch ist sie die ideale
Lichtquelle für 360° abstrahlende Lampen in
klassischer Glühlampen- und Kerzenform.


Similar Part No. - GWT3LSF3.EM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWT3LSF1.EM OSRAM-GWT3LSF1.EM Datasheet
1Mb / 18P
Omnidirectional retrofits
GWT3LSF2.EM OSRAM-GWT3LSF2.EM Datasheet
2Mb / 20P
SOLERIQ L 38
GWT3LSF2.EM-LQLT-22S5-1 OSRAM-GWT3LSF2.EM-LQLT-22S5-1 Datasheet
2Mb / 20P
SOLERIQ L 38
GWT3LSF2.EM-LQLT-25S5-1 OSRAM-GWT3LSF2.EM-LQLT-25S5-1 Datasheet
2Mb / 20P
SOLERIQ L 38
GWT3LSF2.EM-LQLT-27S5-1 OSRAM-GWT3LSF2.EM-LQLT-27S5-1 Datasheet
2Mb / 20P
SOLERIQ L 38
More results

Similar Description - GWT3LSF3.EM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAJRB2.EM OSRAM-GWKAJRB2.EM Datasheet
1Mb / 17P
SOLERIQ E 30
GWKALRB3.EM OSRAM-GWKALRB3.EM Datasheet
1Mb / 17P
SOLERIQ E 45
logo
Kemet Corporation
L0603C100KSMST KEMET-L0603C100KSMST Datasheet
759Kb / 32P
Wire Wound Chip Inductors - L-PWS/L-PWF/L-PWI/L-PWR Series
logo
OSRAM GmbH
GWKAGHB1.CM OSRAM-GWKAGHB1.CM Datasheet
712Kb / 18P
SOLERIQ S13
GWT3LTF1.EM OSRAM-GWT3LTF1.EM Datasheet
4Mb / 20P
DURIS L 38
GWT3LSF2.EM OSRAM-GWT3LSF2.EM Datasheet
2Mb / 20P
SOLERIQ L 38
logo
PHOENIX CONTACT
3210541 PHOENIX-3210541 Datasheet
115Kb / 6P
PIT 2,5-PE/L/L
logo
Weidmuller
2669010000 WEIDMULLER-2669010000 Datasheet
154Kb / 4P
AITB 2.5 L-L-PE
2669000000 WEIDMULLER-2669000000 Datasheet
150Kb / 4P
AITB 2.5 L-L
logo
ams AG
GWT3LWF1.EM AMSCO-GWT3LWF1.EM Datasheet
1Mb / 16P
The SOLERIQ® L 38 combines high efficacy and a wide beam angle into small footprint ( 32.0mm x 2.2mm), which is ideal choice for all 360° bulb and candle light application.
Version 1.0 2020-08-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com