Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GHDASPA2.24 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # GHDASPA2.24
Description  OSCONIQ P 2226
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GHDASPA2.24 Datasheet(HTML) 4 Page - OSRAM GmbH

  GHDASPA2.24 Datasheet HTML 1Page - OSRAM GmbH GHDASPA2.24 Datasheet HTML 2Page - OSRAM GmbH GHDASPA2.24 Datasheet HTML 3Page - OSRAM GmbH GHDASPA2.24 Datasheet HTML 4Page - OSRAM GmbH GHDASPA2.24 Datasheet HTML 5Page - OSRAM GmbH GHDASPA2.24 Datasheet HTML 6Page - OSRAM GmbH GHDASPA2.24 Datasheet HTML 7Page - OSRAM GmbH GHDASPA2.24 Datasheet HTML 8Page - OSRAM GmbH GHDASPA2.24 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Characteristics (TJ = 25 °C; IF = 100 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λ
peak
660
nm
Centroid Wavelength
Zentrumswellenlänge
(min.)
(typ.)
(max.)
λcentr
λcentr
λcentr
647
656
667
nm
nm
nm
Dominant Wavelength
Dominantwellenlänge
(typ.)
λdom
640
nm
Spectral bandwidth at 50% I
rel max
Spektrale Bandbreite b. 50% I
rel max
(typ.)
∆λ
25
nm
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
2ϕ
105
°
Forward voltage
Durchlassspannung
(min.)
(typ.)
(max.)
VF
VF
V
F
1.80
2.15
2.40
V
V
V
Reverse voltage
Sperrspannung
(IR = 20 mA)
(max.)
V
R
1.2
V
"Electrical" thermal resistance junction / solder point
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad
(with efficiency ηe = 51 %)
(typ.)
R
th JS el
12
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite
2) page 19
2) Seite 19
3) page 19
3) Seite 19
Version 1.1
GH DASPA2.24
2018-03-14
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com