Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDDASPA2.14-ROSK-24-LM Datasheet(PDF) 9 Page - OSRAM GmbH

Part # GDDASPA2.14-ROSK-24-LM
Description  OSCONIQ P 2226
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GDDASPA2.14-ROSK-24-LM Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button GDDASPA2.14-ROSK-24-LM Datasheet HTML 5Page - OSRAM GmbH GDDASPA2.14-ROSK-24-LM Datasheet HTML 6Page - OSRAM GmbH GDDASPA2.14-ROSK-24-LM Datasheet HTML 7Page - OSRAM GmbH GDDASPA2.14-ROSK-24-LM Datasheet HTML 8Page - OSRAM GmbH GDDASPA2.14-ROSK-24-LM Datasheet HTML 9Page - OSRAM GmbH GDDASPA2.14-ROSK-24-LM Datasheet HTML 10Page - OSRAM GmbH GDDASPA2.14-ROSK-24-LM Datasheet HTML 11Page - OSRAM GmbH GDDASPA2.14-ROSK-24-LM Datasheet HTML 12Page - OSRAM GmbH GDDASPA2.14-ROSK-24-LM Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Version 1.1
GD DASPA2.14
2017-12-12
9
ΔVF = VF - VF(25 °C) = f(Tj); IF = 100 mA
ΦEE(25 °C) = f(Tj); IF = 100 mA
Δλdom = λdom - λdom (25 °C) = f(Tj); IF = 100 mA
GD DASPA2.14
-40 -20
0
20
40
60
80
100 120
Tj [°C]
-0,2
-0,1
0,0
0,1
0,2
∆VF [V]
GD DASPA2.14
-40 -20
0
20
40
60
80
100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Φ
E
Φ
E (25°C)
GD DASPA2.14
-40 -20
0
20
40
60
80
100 120
Tj [°C]
-20
-15
-10
-5
0
5
10
15
∆λ dom [nm]
Relative Forward Voltage 7) page 20
Relative Vorwärtsspannung 7) Seite 20
Relative Radiant Power 7) page 20
Relative Strahlungsleistung 7) Seite 20
Dominant Wavelength 7) page 20
Dominante Wellenlänge 7) Seite 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com