Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDCSHPM1.14 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # GDCSHPM1.14
Description  OSLON SSL 150
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GDCSHPM1.14 Datasheet(HTML) 5 Page - OSRAM GmbH

  GDCSHPM1.14 Datasheet HTML 1Page - OSRAM GmbH GDCSHPM1.14 Datasheet HTML 2Page - OSRAM GmbH GDCSHPM1.14 Datasheet HTML 3Page - OSRAM GmbH GDCSHPM1.14 Datasheet HTML 4Page - OSRAM GmbH GDCSHPM1.14 Datasheet HTML 5Page - OSRAM GmbH GDCSHPM1.14 Datasheet HTML 6Page - OSRAM GmbH GDCSHPM1.14 Datasheet HTML 7Page - OSRAM GmbH GDCSHPM1.14 Datasheet HTML 8Page - OSRAM GmbH GDCSHPM1.14 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Version 1.2
GD CSHPM1.14
2017-10-27
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups
Durchlassspannungsgruppen
Dominant Wavelength Groups
Dominant Wellenlängengruppen
Group
Gruppe
(min.) VF [V]
(max.) VF [V]
3
2.75
3.00
4
3.00
3.25
Group
deep blue
Gruppe
(min.) λ
dom
[nm]
(max.) λ
dom
[nm]
W
439
444
2
444
449
3
449
453
4
453
457
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.
Note: [1] Photosynthetic Photon Flux includes wavelengths between 400 and 700 nm.
Note: [2] Plant Biologically-Active Photon Flux includes wavelengths between 280 and 800 nm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com