Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEM002-MIM Datasheet(PDF) 13 Page - Pasternack Enterprises, Inc.

Part # PEM002-MIM
Description  60 GHz Receiver (Rx) Waveguide Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEM002-MIM Datasheet(HTML) 13 Page - Pasternack Enterprises, Inc.

Back Button PEM002-MIM Datasheet HTML 9Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 10Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 11Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 12Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 13Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 14Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 15Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 16Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 17Page - Pasternack Enterprises, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
TECHNICAL DATA SHEET
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 60 GHz Receiver (Rx) Waveguide Module PEM002-MIM
PEM002-MIM
60 GHz Receiver (Rx) Waveguide Module
13
Table 4.3 Register Byte Functions
Bit
Name
BYTE 6
7
tripler_bias_13
6
5
4
3
2
1
0
BYTE 7
Function
7
6
5
4
3
2
1
0
BYTE 8
7
6
5
4
3
2
1
0
lna_bias_2
fm_pwrdn
IF VGA gain control bits; bits <7:4> = 0000 highest gain, 1111 lowest gain
IF filter Q in the VGA amplifier; bits <2:0> = 000 for highest Q and gain
Frequency tripler bias (upper 8 bit portion): bits <7:0> = 10111111 default
bbamp_sel_fm
ifvga_q_cntrl_2
tripler_bias_12
tripler_bias_11
tripler_bias_10
tripler_bias_9
tripler_bias_8
tripler_bias_7
tripler_bias_6
tripler_bias_5
tripler_bias_4
tripler_bias_3
tripler_bias_2
tripler_bias_1
tripler_bias_0
Frequency tripler bias (lower 6 bit portion): bits <7:2> = 011011 default
Active high to switch the FM detector into the Q channel baseband amplifier
Active high to power down FM detector
lna_bias_1
lna_bias_0
not used
not used
ifvga_q_cntrl_1
ifvga_q_cntrl_0
Not used; bits <4:3> = xx
For reduced Q and wider bandwidth, bits <2:0> = 001,100,101,111 in sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com