Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL5PR8 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GL5PR8
Description  5mm(T-1 3/4), Cylinder Type, Colored Diffusion LED Lamps for Indicator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL5PR8 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GL5PR8 Datasheet HTML 1Page - List of Unclassifed Manufacturers GL5PR8 Datasheet HTML 2Page - List of Unclassifed Manufacturers GL5PR8 Datasheet HTML 3Page - List of Unclassifed Manufacturers GL5PR8 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GL5tt8 series
(Unit : mm)
(Ta=25˚C)
LED Lamp
GL5tt8 series
s Outline Dimensions
ø5.0
±0.15
Colored diffusion
0.5
±0.1
2.54NOM
2.5
1
2
Pin connections
1 Anode
2 Cathode
Unspecified tolerance:
±0.2
s Radiation Diagram
0˚
0
40
20
60
-20˚
+20˚
+40˚
+60˚
+80˚
-40˚
-60˚
-80˚
-30˚
-50˚
+10˚
100
-10˚
+30˚
+50˚
+70˚
+90˚
-90˚
-70˚
80
DC
Pulse
GL5PR8
GL5HD8
GL5HS8
GL5HY8
GL5EG8
GL5KG8
GaP
GaAsP on GAP
GaAsP on GAP
GaAsP on GAP
GaP
GaP
23
84
84
84
84
84
10
30
30
30
30
30
0.13
0.40
0.40
0.40
0.40
0.40
0.67
0.67
0.67
0.67
0.67
0.67
260
260
260
260
260
260
50
50
50
50
50
50
5
5
5
5
5
5
Model No. Radiation color Radiation material
Power dissipation
P
(mW)
Forward current
IF
(mA)
Derating factor
(mA/˚C)
Peak forward current
IFM*1
(mA)
Operating temperature
Topr
(˚C)
Storage temperature
Tstg
(˚C)
Soldering temperature
Tsol*2
(˚C)
Reverse voltage
VR
(V)
(Ta=25˚C)
Red
Red
Sunset orange
Yellow
Yellow-green
Green
-25 to +85
-25 to +85
-25 to +100
-25 to +100
-25 to +85
-25 to +85
-25 to +100
-25 to +100
-25 to +85
-25 to +85
-25 to +100
-25 to +100
*1 Duty ratio=1/10, Pulse width=0.1ms
*2 5s or less(At the position of 1.6mm or more from the bottom face of resin package)
s Absolute Maximum Ratings
GL5PR8
GL5HD8
GL5HS8
GL5HY8
GL5EG8
GL5KG8
TYP
MAX
1.9
2.0
2.0
2.0
2.1
2.1
2.3
2.8
2.8
2.8
2.8
2.8
695
635
610
585
565
555
5
20
20
20
20
20
5
20
20
20
20
20
5
20
20
20
20
20
10
10
10
10
10
10
4
4
4
4
4
4
55
20
15
35
35
40
1
1
1
1
1
1
→
→
→
→
→
→
100
35
35
30
30
25
15
80
80
120
150
60
Model No.
Lens type
Forward voltage
VF(V)
λp(nm)
TYP
IV(mcd)
TYP
IF
(mA)
IF
(mA)
IF
(mA)
(MHZ)
VR
(V)
IR(
µA)
MAX
Ct(pF)
TYP
∆λ(nm)
TYP
Peak emission wavelength
Luminous intensity
Spectrum radiation bandwidth
Reverse current
Page for
characteristics
diagrams
Terminal capacitance
(Ta=25˚C)
Colored
diffusion
s Electro-optical Characteristics
ø5mm(T-1 3/4), Cylinder Type,
Colored Diffusion LED Lamps for
Indicator
47
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)


Similar Part No. - GL5PR8

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL5PR8 SHARP-GL5PR8 Datasheet
81Kb / 4P
첩5mm(T-1 3/4), Cylinder Type, Colored Diffusion LED Lamps for Indicator
logo
List of Unclassifed Man...
GL5PR8 ETC1-GL5PR8 Datasheet
1Mb / 11P
HIGH-LUMINOSITY LED LAMP
More results

Similar Description - GL5PR8

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL3PR63 SHARP-GL3PR63 Datasheet
80Kb / 4P
첩3mmT-1, Cylinder TypeFlangeless, Colored Diffusion LED Lamps for Backlight/Indicator
GL3UR8 SHARP-GL3UR8 Datasheet
94Kb / 4P
첩3mmT-1, Cylinder Type, Colored Diffusion, High-luminosity LED Lamps for Indicator
GL4PR8 SHARP-GL4PR8 Datasheet
81Kb / 4P
첩4mm, Cylinder Type, Colored Diffusion LED Lamps for Indicator
GL5PR4 SHARP-GL5PR4 Datasheet
86Kb / 4P
첩5mm(T-1 3/4), Cylinder Type, Colored Diffusion LED Lamps for Wide Viewing Angle Indicator
GL5PR40 SHARP-GL5PR40 Datasheet
81Kb / 4P
첩5mm(T-1 3/4), Cylinder Type, Colored Transparency LED Lamps for Indicator
GL5PR41 SHARP-GL5PR41 Datasheet
81Kb / 4P
첩5mm(T-1 3/4), Cylinder Type, Colored Transparency LED Lamps for Backlight/Indicator
GL5PR8 SHARP-GL5PR8 Datasheet
81Kb / 4P
첩5mm(T-1 3/4), Cylinder Type, Colored Diffusion LED Lamps for Indicator
logo
List of Unclassifed Man...
GL3EG8 ETC-GL3EG8 Datasheet
79Kb / 4P
첩3mm(T-1), Cylinder Type, Colored Diffusion LED Lamps for Indicator
logo
Sharp Corporation
GL4HY8 SHARP-GL4HY8 Datasheet
121Kb / 6P
4mm, CYLINDER TYPE, COLORED DIFFUSION LED LAMPS FOR INDICATOR
GL5HD43 SHARP-GL5HD43 Datasheet
120Kb / 6P
5mm(T-1 3/4), CYLINDER TYPE, COLORLESS TRANSPARENCY LED LAMPS FOR INDICATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com