Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4098BM1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCF4098BM1
Description  DUAL MONOSTABLE MULTIVIBRATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4098BM1 Datasheet(HTML) 5 Page - STMicroelectronics

  HCF4098BM1 Datasheet HTML 1Page - STMicroelectronics HCF4098BM1 Datasheet HTML 2Page - STMicroelectronics HCF4098BM1 Datasheet HTML 3Page - STMicroelectronics HCF4098BM1 Datasheet HTML 4Page - STMicroelectronics HCF4098BM1 Datasheet HTML 5Page - STMicroelectronics HCF4098BM1 Datasheet HTML 6Page - STMicroelectronics HCF4098BM1 Datasheet HTML 7Page - STMicroelectronics HCF4098BM1 Datasheet HTML 8Page - STMicroelectronics HCF4098BM1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HCF4098B
5/10
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ, tr = tf = 20 ns)
(*) Typical temperature coefficient for all VDD value is 0.3 %/°C.
Symbol
Parameter
Test Condition
Value (*)
Unit
RX (KΩ)CX (pF)
VDD (V)
Min.
Typ.
Max.
tPLH tPHL Propagation Delay Time
+TR or -TR to Q or Q
5 to 10000
>15
5
250
500
ns
10
125
250
15
100
200
tWH tWL
Trigger Pulse Width
5 to 10000
>15
5140
70
ns
10
60
30
15
40
20
tTLH
Transition Time
5 to 10000
>15
5
100
200
ns
10
50
100
15
40
80
tTHL
Transition Time
5 to 10000
15 to 10000
5
100
200
ns
10
50
100
15
40
80
5 to 10000
0.01
µF
to 0.1
µF
5
150
300
10
75
150
15
65
130
5 to 10000
0.1
µF
to 1
µF
5
250
500
10
150
300
15
80
160
tPLH tPHL Propagation Delay Time
(Reset)
5 to 10000
>15
5
225
450
ns
10
125
250
15
75
150
tWR
Pulse Width (reset)
100
15
5
200
100
ns
10
80
40
15
60
30
1000
5
1200
600
10
600
300
15
500
250
0.1
µF
5
50
250
µs
10
30
15
15
20
10
tr, tf (TR) Rise or Fall Time (trigger)
5 to 15
100
µs
Pulse Width Match Between
Circuits in Same Package
10
10000
55
10
%
10
7.5
15
15
7.5
15



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com