Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C4012 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C4012
Description  Handheld RF Analyzer Rugged Phase Stable Cable 3.5mm Male to 3.5mm Female Cable Using PE-FF430 Coax, RoHS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C4012 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C4012 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C4012 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C4012 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C4012 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C4012 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3C4012 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Configuration
• Connector 1: 3.5mm Male
• Connector 2: 3.5mm Female
• Cable Type: PE-FF430
Features
• Excellent VSWR and Insertion Loss
• Excellent Amplitude and Phase Stability with Flexure
• Rugged Armor provides crush and torque resistence
• UV resistant jacket
• Each serialized assembly includes test data
• In stock and ready to ship
Applications
• Field Testing
• Tower Measurements
• Base Station Analyzers
• Handheld Network Analyzers
• Portable Spectrum Analyzers
• Distance-To-Fault Measurements
• Site Maintenance
.
Description
Pasternack’s Handheld RF Analyzer Phase Stable cable assemblies are designed for use with portable and handheld network
analyzers, spectrum analyzers and base station analyzers. These rugged portable analyzer cable assemblies offer a unique
combination of low loss, phase stability, low VSWR and durability. The tough analyzer cable armor offers crush resistance,
torque resistance, water resistance and UV resistance while still maintaining a high level of flexibility. These rugged handheld
analyzer cable assemblies are compatible with Fieldfox®, Site Master, CellAdvisor® and Sitehawk® analyzers, supporting site
maintenance, field testing, antenna testing and distance-to-fault measurements.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
27
GHz
VSWR
1.3:1
Phase Stability with Flexure
4
Degrees
Amplitude Stability with Flexure
0.2
dB
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Handheld RF Analyzer Rugged Phase Stable Cable 3.5mm Male to 3.5mm Female Cable Us-
ing PE-FF430 Coax, RoHS PE3C4012
PE3C4012 REV 1.0
Handheld RF Analyzer Rugged Phase Stable Cable 3.5mm
Male to 3.5mm Female Cable Using PE-FF430 Coax, RoHS
RF Cable Assemblies Technical Data Sheet
PE3C4012


Similar Part No. - PE3C4012

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C4012-100CM PASTERNACK-PE3C4012-100CM Datasheet
459Kb / 6P
Handheld RF Analyzer Rugged Phase Stable Cable 3.5mm Male to 3.5mm Female Cable 100 cm Length Using PE-FF430 Coax, RoHS
More results

Similar Description - PE3C4012

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C4004 PASTERNACK-PE3C4004 Datasheet
448Kb / 6P
Handheld RF Analyzer Rugged Phase Stable Cable N Male to N Female Cable Using PE-FF430 Coax, RoHS
PE3C4005 PASTERNACK-PE3C4005 Datasheet
451Kb / 6P
Handheld RF Analyzer Rugged Phase Stable Cable N Male to N Male Cable Using PE-FF430 Coax, RoHS
PE3C4007 PASTERNACK-PE3C4007 Datasheet
452Kb / 6P
Handheld RF Analyzer Rugged Phase Stable Cable N Male to N Female Cable Using PE-FF430 Coax, RoHS
PE3C4008 PASTERNACK-PE3C4008 Datasheet
439Kb / 6P
Handheld RF Analyzer Rugged Phase Stable Cable N Male to SMA Male Cable Using PE-FF430 Coax, RoHS
PE3C4009 PASTERNACK-PE3C4009 Datasheet
451Kb / 6P
Handheld RF Analyzer Rugged Phase Stable Cable N Male to SMA Female Cable Using PE-FF430 Coax, RoHS
PE3C4010 PASTERNACK-PE3C4010 Datasheet
446Kb / 6P
Handheld RF Analyzer Rugged Phase Stable Cable N Male to TNC Male Cable Using PE-FF430 Coax, RoHS
PE3C4011 PASTERNACK-PE3C4011 Datasheet
454Kb / 6P
Handheld RF Analyzer Rugged Phase Stable Cable N Male to TNC Female Cable Using PE-FF430 Coax, RoHS
PE3C4012-100CM PASTERNACK-PE3C4012-100CM Datasheet
459Kb / 6P
Handheld RF Analyzer Rugged Phase Stable Cable 3.5mm Male to 3.5mm Female Cable 100 cm Length Using PE-FF430 Coax, RoHS
PE3C4013 PASTERNACK-PE3C4013 Datasheet
453Kb / 6P
Handheld RF Analyzer Rugged Phase Stable Cable 3.5mm Female to 3.5mm Female Cable Using PE-FF430 Coax, RoHS
PE3C4013-100CM PASTERNACK-PE3C4013-100CM Datasheet
453Kb / 6P
Handheld RF Analyzer Rugged Phase Stable Cable 3.5mm Female to 3.5mm Female Cable 100 cm Length Using PE-FF430 Coax, RoHS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com