Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC467064 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC467064
Description  High-Performance microController with a 16k UV Erasable CMOS EPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC467064 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button HPC467064 Datasheet HTML 9Page - National Semiconductor (TI) HPC467064 Datasheet HTML 10Page - National Semiconductor (TI) HPC467064 Datasheet HTML 11Page - National Semiconductor (TI) HPC467064 Datasheet HTML 12Page - National Semiconductor (TI) HPC467064 Datasheet HTML 13Page - National Semiconductor (TI) HPC467064 Datasheet HTML 14Page - National Semiconductor (TI) HPC467064 Datasheet HTML 15Page - National Semiconductor (TI) HPC467064 Datasheet HTML 16Page - National Semiconductor (TI) HPC467064 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Connection Diagram
TLDD11046 – 17
Top View
Order Number HPC167064 EL
See NS Package Number EL68C
PortsAB
The highly flexible A and B ports are similarly structured
The Port A (see
Figure 11 ) consists of a data register and a
direction register Port B (see
Figures 12 thru Figure 14 ) has
an alternate function register in addition to the data and
direction registers All the control registers are readwrite
registers
The associated direction registers allow the port pins to be
individually programmed as inputs or outputs Port pins se-
lected as inputs are placed in a TRI-STATE mode by reset-
ting corresponding bits in the direction register
A write operation to a port pin configured as an input causes
the value to be written into the data register a read opera-
tion returns the value of the pin Writing to port pins config-
ured as outputs causes the pins to have the same value
reading the pins returns the value of the data register
Primary and secondary functions are multiplexed onto Port
B through the alternate function register (BFUN) The sec-
ondary functions are enabled by setting the corresponding
bits in the BFUN register
TLDD11046 – 19
FIGURE 11 Port A IO Structure
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com