Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PETP1001 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PETP1001
Description  Low PIM 5 dB 4.3-10 Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PETP1001 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PETP1001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PETP1001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PETP1001 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PETP1001 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PETP1001 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PETP1001 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PETP1001 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Typical Performance Data
-70
-60
-50
-40
-30
-20
-10
0
698
880
1062
1244
1426
1608
1790
1972
2154
2336
2518
2700
MHz
Return Loss
-3.00
-2.50
-2.00
-1.50
-1.00
-0.50
0.00
698
880
1062
1244
1426
1608
1790
1972
2154
2336
2518
2700
dB
MHz
Insertion Loss
PETP1001
PETP1001 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: Low PIM 5 dB 4.3-10 Unequal Tapper From 350 MHz to 5.85 GHz Rated to 300 Watts
PETP1001
Low PIM 5 dB 4.3-10 Unequal Tapper From
350 MHz to 5.85 GHz Rated to 300 Watts
RF Tappers Technical Data Sheet



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com