Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTW2V3D13JS-032A Datasheet(PDF) 8 Page - Lite-On Technology Corporation

Part # LTW2V3D13JS-032A
Description  Through Hole Lamp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW2V3D13JS-032A Datasheet(HTML) 8 Page - Lite-On Technology Corporation

Back Button LTW2V3D13JS-032A Datasheet HTML 4Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 5Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 6Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 7Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 8Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 9Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 10Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 11Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 12Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
7/11
Part No. : LTW2V3D13JS-032A
BNS-OD-FC002/A4
Through Hole Lamp
LTW2V3D13JS-032A
8. Bin Table Specification
Luminous Intensity Iv (mcd) IF@20mA
Bin Code
Min.
Max.
Z
12000
16000
1
16000
21000
2
21000
27000
Note: Tolerance of each bin limit is ±15%
Hue Ranks
Chromaticity Coordinates, CC(x, y), IF@20mA
5U
x
0.300
0.303
0.317
0.315
y
0.329
0.313
0.325
0.343
5L
x
0.303
0.306
0.319
0.317
y
0.313
0.297
0.310
0.325
6U
x
0.315
0.317
0.330
0.330
y
0.343
0.325
0.337
0.355
6L
x
0.317
0.319
0.330
0.330
y
0.325
0.310
0.320
0.337
7U
x
0.330
0.330
0.346
0.346
y
0.355
0.337
0.350
0.368
7L
x
0.330
0.330
0.346
0.346
y
0.337
0.320
0.335
0.350
Note: Color Coordinates Measurement allowance is ±0.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com