Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMP112
Description  High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP112 Datasheet HTML 17Page - Texas Instruments TMP112 Datasheet HTML 18Page - Texas Instruments TMP112 Datasheet HTML 19Page - Texas Instruments TMP112 Datasheet HTML 20Page - Texas Instruments TMP112 Datasheet HTML 21Page - Texas Instruments TMP112 Datasheet HTML 22Page - Texas Instruments TMP112 Datasheet HTML 23Page - Texas Instruments TMP112 Datasheet HTML 24Page - Texas Instruments TMP112 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
TMP112
www.ti.com
SBOS473F – MARCH 2009 – REVISED FEBRUARY 2018
Product Folder Links: TMP112
Submit Documentation Feedback
Copyright © 2009–2018, Texas Instruments Incorporated
(1)
Extended mode 13-bit configuration shown in parenthesis.
7.5.3.8 Alert (AL)
The AL bit is a read-only function. Reading the AL bit provides information about the comparator mode status.
The state of the POL bit inverts the polarity of data returned from the AL bit. When the POL bit equals 0, the AL
bit reads as 1 until the temperature equals or exceeds T(HIGH) for the programmed number of consecutive faults,
causing the AL bit to read as 0. The AL bit continues to read as 0 until the temperature falls below T(LOW) for the
programmed number of consecutive faults, when it again reads as 1. The status of the TM bit does not affect the
status of the AL bit.
7.5.4 High- and Low-Limit Register
The temperature limits are stored in the T(LOW) and T(HIGH) registers in the same format as the temperature result,
and their values are compared to the temperature result on every conversion. The outcome of the comparison
drives the behavior of the ALERT pin, which operates as a comparator output or an interrupt, and is set by the
TM bit in the configuration register.
In Comparator mode (TM = 0), the ALERT pin becomes active when the temperature equals or exceeds the
value in the T(HIGH) register and generates a consecutive number of faults according to fault bits F1 and F0. The
ALERT pin remains active until the temperature falls below the indicated T(LOW) value for the same number of
faults.
In interrupt mode (TM = 1), the ALERT pin becomes active when the temperature equals or exceeds the value in
T(HIGH) for a consecutive number of fault conditions (as shown in Table 11). The ALERT pin remains active until a
read operation of any register occurs, or the device successfully responds to the SMBus alert response address.
The ALERT pin is also cleared if the device is placed in shutdown mode. When the ALERT pin is cleared, it
becomes active again only when temperature falls below T(LOW), and remains active until cleared by a read
operation of any register or a successful response to the SMBus alert response address. When the ALERT pin is
cleared, the above cycle repeats, with the ALERT pin becoming active when the temperature equals or exceeds
T(HIGH). The ALERT pin can also be cleared by resetting the device with the general-call Reset command. This
action also clears the state of the internal registers in the device, returning the device to comparator mode
(TM = 0).
Both operating modes are represented in Figure 16. Table 12 and Table 13 list the format for the THIGH and TLOW
registers. The most significant byte is sent first, followed by the least significant byte. The power-up reset values
for T(HIGH) and T(LOW) are:
•
THIGH = +80°C
•
TLOW = +75°C
The format of the data for THIGH and TLOW is the same as for the Temperature Register.
Table 12. Bytes 1 and 2 of THIGH Register
(1)
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
H11
H10
H9
H8
H7
H6
H5
H4
(H12)
(H11)
(H10)
(H9)
(H8)
(H7)
(H6)
(H5)
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
2
H3
H2
H1
H0
0
0
0
0
(H4)
(H3)
(H2)
(H1)
(H0)
(0)
(0)
(0)
(1)
Extended mode 13-bit configuration shown in parenthesis.
Table 13. Bytes 1 and 2 of TLOW Register
(1)
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
L11
L10
L9
L8
L7
L6
L5
L4
(L12)
(L11)
(L10)
(L9)
(L8)
(L7)
(L6)
(L5)
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
2
L3
L2
L1
L0
0
0
0
0
(L4)
(L3)
(L2)
(L1)
(L0)
(0)
(0)
(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com