Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAS03 Datasheet(PDF) 2 Page - Lumberg

Part # CAS03
Description  Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

CAS03 Datasheet(HTML) 2 Page - Lumberg

  CAS03 Datasheet HTML 1Page - Lumberg CAS03 Datasheet HTML 2Page - Lumberg CAS03 Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
03 0364 V109
01/2018
2
*a
supporting strip
*b
unreeling direction
Environmental conditions
Temperature range
-40 °C/+85 °C
Materials
Contact bush
CuSn, gold-plated
Mechanical data
Mating cycles
≥ 1000
Insertion force/contact
≤ 3.0 N 1
Withdrawal force/contact
≥ 1.2 N 1
1
measured with a polished steel pin, nominal thickness 1.5 mm
Connectable conductors for crimp area
Section
0,25–0,75 mm² (AWG 23–18)
Insulation diameter
≤ 1,8 mm
Electrical data (at Tamb 20 °C)
Contact resistance
≤ 5 mΩ
Rated current
5 A (Tamb 40 °C)
Rated voltage
250/320 V AC
Further data
see suitable connector housing
Associated products
Counterparts
�
036500
�
0369 V109
Accessories
�
0360
�
036000
�
0362
�
036297
�
0363
Harnessing equipment
�
CA03
�
CAS03
�
CAW03
�
CM03-01-0364
�
CM03-03-0364
�
CMW03-01-0364
�
CMW03-03-0364
�
CZB03-0364
�
CZK03
of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com