Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0331 Datasheet(PDF) 2 Page - Lumberg

Part # 0331
Description  Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

0331 Datasheet(HTML) 2 Page - Lumberg

  0331 Datasheet HTML 1Page - Lumberg 0331 Datasheet HTML 2Page - Lumberg 0331 Datasheet HTML 3Page - Lumberg 0331 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
03 0362
01/2018
2
Environmental conditions
Temperature range
-40 °C/+85 °C
Materials
Insulating body
PA GF, V-0 according to UL94
Housing
Zn diecast, pre-copper and nickel-
plated
Ring screw
CuZn, nickel-plated
Seal
NBR
Mechanical data
Insertion force/contact
≤ 50 N 1
Withdrawal force/contact
≥ 35 N 1
Protection class
IP68 2
1
measured with a proper counterpart
2
according to IEC DIN EN 60529, only in locked condition with an appropriate counterpart; IPX8
requirements under agreement between manufacturer and user
Electrical data (at Tamb 20 °C)
Rated current
5 A (Tamb 40 °C)
Rated voltage
100 V (with pollution degree 1)
32 V (with pollution degree 2)
Rated impulse voltage
500 V
Material group
I (IEC)/0 (UL) (CTI ≥ 600)
Overvoltage category
I
Insulation resistance
> 100 MΩ
Further data
see suitable crimp contact
Associated products
Counterparts
�
0331
�
0332
�
0332-1
�
033200
�
0365
�
036500
Accessories
�
0322 C 16
�
0364 V109
�
0381
�
038199
�
0382
�
0384
�
0385
�
038799
of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com