Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3741 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N3741
Description  PNP POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3741 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N3741 Datasheet HTML 1Page - Microsemi Corporation 2N3741 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
PNP POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/441
Devices
Qualified Level
2N3740
2N3741
JAN
JANTX
JANTXV
MAXIMUM RATINGS
Ratings
Symbol
2N3740
2N3741
Unit
Collector-Emitter Voltage
VCEO
60
80
Vdc
Collector-Base Voltage
VCBO
60
80
Vdc
Emitter-Base Voltage
VEBO
7.0
Vdc
Base Current
IB
2.0
Adc
Collector Current
IC
4.0
Adc
Total Power Dissipation
@ TC = +25
0C (1)
@ TC = +100
0C
PT
25
14
W
W
Operating & Storage Junction Temperature Range
TJ, Tstg
-65 to +200
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
RθJC
7.0
0C/W
1) Derate linearly @143 mW/
0C for TC > +250C
TO-66 (TO-213AA)
*See Appendix A for
Package Outline
ELECTRICAL CHARACTERISTICS (TC = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 100 mAdc
2N3740
2N3741
V(BR)CEO
60
80
Vdc
Collector-Emitter Cutoff Current
VCE = 40 Vdc
2N3740
VCE = 60 Vdc
2N3741
ICEO
10
10
µAdc
Collector-Emitter Cutoff Current
VCE = 60 Vdc, VBE = 1.5 Vdc
2N3740
VCE = 80 Vdc, VBE = 1.5 Vdc
2N3741
ICEX
300
300
ηAdc
Collector-Base Cutoff Current
VCB = 60 Vdc
2N3740
VCB = 80 Vdc
2N3741
ICBO
100
100
ηAdc
Emitter-Base Cutoff Current
VEB = 7.0 Vdc
IEBO
100
ηAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - 2N3741

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3741 MOSPEC-2N3741 Datasheet
120Kb / 3P
POWER TRANSISTORS(4A,25W)
logo
Boca Semiconductor Corp...
2N3741 BOCA-2N3741 Datasheet
125Kb / 3P
MEDIUM-POWER PNP TRANSISTORS
logo
Microsemi Corporation
2N3741 MICROSEMI-2N3741 Datasheet
62Kb / 3P
Medium Power PNP Transistors
logo
Central Semiconductor C...
2N3741 CENTRAL-2N3741 Datasheet
86Kb / 1P
PNP SILICON POWER TRANSISTORS
2N3741 CENTRAL-2N3741 Datasheet
51Kb / 1P
Power Transistors
More results

Similar Description - 2N3741

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1142 NEC-2SA1142 Datasheet
64Kb / 1P
PNP SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
PNP POWER SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SA1303 ISC-2SA1303 Datasheet
106Kb / 2P
Silicon PNP Power Transistor
2SA1741 ISC-2SA1741 Datasheet
164Kb / 3P
Silicon PNP Power Transistor
logo
New Jersey Semi-Conduct...
2SA1880 NJSEMI-2SA1880 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
2SA1939 NJSEMI-2SA1939 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
2SA1941 NJSEMI-2SA1941 Datasheet
74Kb / 2P
Silicon PNP Power Transistor
2SA1943 NJSEMI-2SA1943 Datasheet
81Kb / 2P
Silicon PNP Power Transistor
2SA1986 NJSEMI-2SA1986 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
BDY83 NJSEMI-BDY83 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com