Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3772 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N3772
Description  NPN HIGH POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3772 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N3772 Datasheet HTML 1Page - Microsemi Corporation 2N3772 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N3771, 2N3772 JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(3)
Forward-Current Transfer Ratio
IC = 15 Adc, VCE = 4.0 Vdc
2N3771
IC = 10 Adc, VCE = 4.0 Vdc
2N3772
IC = 1.0 Adc, VCE = 4.0 Vdc
Both
hFE
15
15
40
60
60
-
Collector-Emitter Saturation Voltage
IC = 15 Adc, IB = 1.5 Adc
2N3771
IC = 30 Adc, IB = 6.0 Adc
2N3771
IC = 10 Adc, IB = 1.0 Adc
2N3772
IC = 20 Adc, IB = 4.0 Adc
2N3772
VCE(sat)
1.5
4.0
1.2
4.0
Vdc
Base-Emitter Voltage (non-saturated)
IC = 15 Adc, VCE = 4.0 Vdc
2N3771
IC = 10 Adc, VCE = 4.0 Vdc
2N3772
VBE
2.3
2.0
Vdc
DYNAMIC CHARACTERISTICS
Small-Signal Cutoff Frequency
IC = 1.0 Adc, VCE = 10 Vdc, f = 1.0 kHz
hfe
40
Magnitude of Common Emitter Small-Signal Short-Circuit
Forward-Current Transfer
IC = 1.0 Adc, VCE = 4.0 Vdc, f = 100 kHz
h
fe
6.0
30
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
1200
p
ƒ
SWITCHING CHARACTERISTICS
Turn-On Time
VCC = 30 Vdc; IC = 15 Adc; IB1= 1.5 Adc
2N3771
VCC = 30 Vdc; IC = 10 Adc; IB1= 1.0 Adc
2N3772
ton
10
8.0
µs
Turn-Off Time
VCC = 30 Vdc; IC = 15 Adc; IB1 =1.5 Adc; IB2 = -1.5 Adc 2N3771
VCC = 30 Vdc; IC = 10 Adc; IB1 = 1.0 Adc; IB2 = -1.0 Adc 2N3772
toff
12
10
µs
SAFE OPERATING AREA
DC Tests
TC = +25
0C, 1 Cycle, t = 1.0 s
Test 1 (2N3771 only)
VCE = 5.0 Vdc, IC = 30 Adc
Test 2 (2N3771 only)
VCE = 40 Vdc, IC = 3.75 Adc
Test 3 (2N3772 only)
VCE = 7.5 Vdc, IC = 20 Adc
Test 4 (2N3772 only)
VCE = 60 Vdc, IC = 2.5 Adc
Clamped Inductive
TA = +25
0C; duty cycle
≤ 10%; R
S = 0.1 Ω
Test 1 (2N3771 only)
RBB1 = 2.0 Ω; VBB1 ≤ 14 Vdc; RBB2 = 100 Ω; VCC = 20±5.0 Vdc; VBB2 = 1.5 Vdc; IC = 30 Adc; RL ≤ 0.67 Ω; L= 5.0 mH
Test 2 (2N3772 only)
RBB1 = 2.0 Ω; VBB1 ≤ 10 Vdc; RBB2 = 100 Ω; VCC = 40±5.0 Vdc; VBB2 = 1.5 Vdc; IC = 20 Adc; RL ≤ 2.0 Ω; L= 5.0 mH
(3) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com