Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC104 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PC104
Description  PC/104 Datacom Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PC104 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PC104 Datasheet HTML 1Page - Advantech Co., Ltd. PC104 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PC/104 CPU Modules
PC/104 Datacom Modules
PCM-3614I/3618I
4/8-Port RS-232/422/485
PCI-104 Modules
PCM-3641I/3642I
4/8-Port RS-232 PCI-104
Modules
Specifications
General
Connectors
PCM-3614I: 1 x 40-pin box header, PCM-3618I: 2 x 40-pin box header
Ports
PCM-3614I: 4, PCM-3618I: 8
Power Consumption
+5 V @ 450 mA
Communications
Data Bits
5, 6, 7, 8
Data Signals
RS-422: TxD+, TxD-, RxD+, RxD-, CTS+, CTS-, RTS+, RTS-
RS-485: DATA+, DATA-, GND
RS-232: TxD, RxD, RTS, CTS, DTR, DSR, DCD, RI, GND
IRQ
3, 4, 5, 6, 7, 9, 10, 11, 12, 15
Parity
None, even and odd
Speed
50 bps ~ 921.6 kbps
Stop Bits
1, 1.5, 2
Protection
EFT Protection
1,000 VDC
Mechanical and Environmental
Operating Humidity
0 ~ 90 % RH
Operating Temperature
0 ~ 65° C (32 ~ 149° F)
Storage Temperature
-25 ~ 80° C (-13 ~ 176° F)
Dimensions (L x W)
96 x 90 mm (3.8" x 3.5")
Ordering Information
P/N
Description
PCM-3614I-AE
4-port RS-232/422/485 PCI-104 Module
PCM-3618I-AE
8-port RS-232/422/485 PCI-104 Module
Specifications
General
Connectors
PCM-3641I: 1 x 40-pin box header, PCM-3642I: 2 x 40-pin box
header
Ports
PCM-3641I: 4, PCM-3642I: 8
Power Consumption
+5 V @ 250 mA (max.)
Communications
Data Bits
5, 6, 7, 8
Data Signals
TxD, RxD, RTS, CTS, DTR, DSR, DCD, RI, GND
IRQ
3, 4, 5, 6, 7, 9, 10, 11, 12, 15
Parity
None, even and odd
Speed
50 bps ~ 460.3 kbps
Stop Bits
1, 1.5, 2
Protection
EFT Protection
1,000 VDC
Mechanical and Environmental
Operating Humidity
0 ~ 90 % RH
Operating Temperature
0 ~ 65° C (32 ~ 149° F) (IEC-68-1-1, 2)
Storage Temperature
-25 ~ 80° C (-13 ~ 176° F)
Dimensions (L x W)
96 x 90 mm (3.8" x 3.5")
Ordering Information
P/N
Description
PCM-3641I-AE
4-port RS-232 PCI-104 Module
PCM-3642I-AE
8-port RS-232 PCI-104 Module
PCM-3117
PCI to ISA Bridge Module
PCM-3614/3618
4/8-Port RS-422/485
High-speed PC/104 Module
Specifications
General
Bus Interface
PC/104-Plus
Controller
ITE IT8888F
Bus
PC/104 (ISA) and PC/104+ (PCI)
Mechanical and Environmental
Dimensions (L x W)
96 x 90 mm (3.8" x 3.5")
Weight
0.092 kg (0.203 lb)
Operating Temperature
0 ~ 60° C (32 ~ 140° F)
Storage Temperature
-40 ~ 85° C (-40 ~ 18° F)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
Power
Power Supply Voltage
+5 V, ±5 % tolerance on power supply
Power Consumption
+5 V @ 70 mA (typical)
Ordering Information
P/N
Description
PCM-3117-00A1E
PCI to ISA bridge module
Specifications
General
Connectors
PC/104
Ports
PCM-3614:4 ; PCM-3618:8
Power Consumption
PCM-3614: +5 V @ 450 mA
PCM-3618: +5V @ 650 mA
Communications
Data Bits
5, 6, 7, 8
Data Signals
RS-422: TxD+, TxD-, RxD+, RxD-, CTS+, CTS-, RTS+ and RTSRS-
(RTS- for PCM-3614)
485: DATA+, DATA-, CTS+, CTS-
IRQ
3, 4, 5, 6, 7, 9, 10, 11, 12, 15
Parity
None, Even and Odd
Speed
50 bps ~ 921.6 kbps
Stop Bits
1, 1.5, 2
Protection
EFT Protection
1,000 VDC
Mechanical and Environmental
Operating Humidity
0 ~ 90 % RH
Operating Temperature
0 ~ 65°C (32 ~ 149°F) (IEC-68-1-1, 2)
Storage Temperature
-25 ~ 80°C (-13 ~ 176°F)
Dimensions (L x W)
96 x 90 mm (3.8" x 3.5")
Ordering Information
P/N
Description
PCM-3614-AE
4-port RS-422/485 High-Speed Module
PCM-3618-AE
8-port RS-422/485 High-Speed Module
All product specifications are subject to change without notice
Last updated : 15-Jan-2014


Similar Part No. - PC104

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PC104.07.0165C TAOGLAS-PC104.07.0165C Datasheet
1Mb / 10P
RoHS Compliant
PC104.07.0165C TAOGLAS-PC104.07.0165C Datasheet
768Kb / 10P
Penta-band Cabled Embedded PCB Adhesive Mount Antenna
PC104.07.0165C TAOGLAS-PC104.07.0165C_13 Datasheet
768Kb / 10P
Penta-band Cabled Embedded PCB Adhesive Mount Antenna
logo
List of Unclassifed Man...
PC104070165C ETC2-PC104070165C Datasheet
1Mb / 10P
Penta-Band PCB Antenna
logo
Advantech Co., Ltd.
PC104IO ADVANTECH-PC104IO Datasheet
550Kb / 2P
PC/104 I/O & Power Modules
More results

Similar Description - PC104

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SCW1301F-050FCR MA-COM-SCW1301F-050FCR Datasheet
195Kb / 2P
Telecom / Datacom Laser Modules
logo
List of Unclassifed Man...
962-60206-03 ETC2-962-60206-03 Datasheet
191Kb / 2P
PC/104, PC/104-Plus, VarPol connector
PCM-9112 ETC2-PCM-9112 Datasheet
284Kb / 1P
PC-104 Plus Modules
logo
Advantech Co., Ltd.
PC104IO ADVANTECH-PC104IO Datasheet
550Kb / 2P
PC/104 I/O & Power Modules
PCM-3117 ADVANTECH-PCM-3117_11 Datasheet
725Kb / 1P
PC/104 I/O & Power Modules
logo
Moxa Inc.
CA-104 MOXA-CA-104 Datasheet
345Kb / 3P
4-port RS-232 PC/104 modules
CA-108 MOXA-CA-108 Datasheet
298Kb / 3P
8-port RS-232 PC/104 modules
CA-114 MOXA-CA-114 Datasheet
321Kb / 3P
4-port RS-232/422/485 PC/104 modules
CB-108 MOXA-CB-108 Datasheet
300Kb / 3P
8-port RS-232 PC/104-Plus modules
logo
Advantech Co., Ltd.
PCM-3117 ADVANTECH-PCM-3117_V01 Datasheet
558Kb / 2P
PC/104 Datacom Modules
15-Jan-2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com