Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6546 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N6546
Description  NPN POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6546 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N6546 Datasheet HTML 1Page - Microsemi Corporation 2N6546 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N6546, 2N6547 JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(3)
Forward-Current Transfer Ratio
IC = 1 Adc; VCE = 2 Vdc
IC = 5 Adc; VCE = 2 Vdc
IC = 10 Adc; VCE = 2 Vdc
hFE
15
12
6
60
Base-Emitter Saturated Voltage
IB = 2.0 Adc; IC = 10 Adc
VBE(sat)
1.6
Vdc
Collector-Emitter Saturated Voltage
IB = 2.0 Adc; IC = 10 Adc
IB = 3.0 Adc; IC = 15 Adc
VCE(sat)
1.5
5.0
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common-Emitter Small-Signal Short-Circuit
Forward Current Transfer Ratio
IC = 0.5 Adc, VCE = 10 Vdc, f = 1 MHz
h
fe
6.0
30
Output Capacitance
VCB = 10 Vdc, IE = 0, 0.1 MHz ≤ f ≤ 1.0 MHz
Cobo
500
pF
SWITCHING CHARACTERISTICS
Turn-On Time
VCC = 250 Vdc; IC = 10 Adc; IB1 = IB2 = 2 Adc
ton
1.0
µs
Turn-Off Time
VCC = 250 Vdc; IC = 10 Adc; IB1 = IB2 = 2 Adc
toff
4.7
µs
SAFE OPERATING AREA
DC Tests
TC = +25
0C; tp = 1 s; 1 cycle (See Figure 3 of MIL-PRF-19500/525)
Test 1
VCE = 11.7 Vdc; IC = 15 Adc
Test 2
VCE = 20 Vdc; IC = 8.75 Adc
Test 3
VCE = 250 Vdc; IC = 45 mAdc
2N6546
VCE = 350 Vdc; IC = 30 mAdc
2N6547
Unclamped Inductive lOAD
TC = +25
0C; duty cycle
≤ 10%; R
S = 0.1
Ω; t
r = tf ≤ 500 ηs (See Figure 4 of MIL-PRF-19500/525)
Test 1
T
p = 5 ms; (vary to obtain IC); RBB1 = 15
Ω; V
BB1 = 38.5 Vdc; RBB2 = 50
Ω;
VBB2 = -4 Vdc; VCC = 20 Vdc; IC = 15 Adc; L = 10
µH
Test 2
T
p = 5 ms; (vary to obtain IC); RBB1 = 15
Ω; V
BB1 = 38.5 Vdc; RBB2 = 50
Ω;
VBB2 = -4 Vdc; VCC = 20 Vdc; IC = 100 mAdc; L = 1 mH
Clamped Inductive Load
TA = +25
0C; duty cycle
≤ 5%; Tp = 1.5 ms; (vary to obtain I
C); VCC = 20 Vdc; IC = 8 Adc; L = 180 µH
(See Figure 5 of MIL-PRF-19500/525)
Clamped Voltage = 350 Vdc
2N6546
Clamped Voltage = 450 Vdc
2N6547
3.) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com