Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1C1-RNG1000000000 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # L1C1-RNG1000000000
Description  Multiple colors, a single focal length
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1C1-RNG1000000000 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  L1C1-RNG1000000000 Datasheet HTML 1Page - Lumileds Lighting Company L1C1-RNG1000000000 Datasheet HTML 2Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IllumInatIon
PB144 LUXEON C Color Line Product Brief ©2017 Lumileds Holding B.V. All rights reserved.
luXEon C Color line
Multiple colors, a single focal length
The LUXEON C Color Line is an optically advanced portfolio of Color and
White LEDs. Designed for flawless color mixing, LUXEON C Color Line
has one focal length for all colors, which provides consistent radiation
patterns from secondary optics and maximizes optical efficiency. With
low dome design, it keeps effective source size small while still improving
light extraction. Designed for smooth color mixing and maximum punch,
LUXEON C Color Line is the optimal LED solution for architecture,
entertainment and emergency vehicle lighting applications.
FEaturEs and BEnEFIts
PrImary aPPlICatIons
One focal length allows flawless color mixing, maximum optical efficiency
and removes halos
Architectural & Entertainment
Low dome design eliminates trade-offs between flux and source size
Lamps
Hot tested—removes guesswork for designers
– Color Tunable
Industry’s lowest thermal resistance means greater light output
and lower heatsink costs
Specialty Lighting
Small symmetrical 2x2mm² package enables dense packing and
limits the impact of rotation during reflow
– Emergency Vehicle


Similar Part No. - L1C1-RNG1000000000

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L1C1-RNG1000000000 LUMILEDS-L1C1-RNG1000000000 Datasheet
2Mb / 30P
Multiple colors, a single focal length
More results

Similar Description - L1C1-RNG1000000000

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2S01 SHARP-GP2S01 Datasheet
58Kb / 4P
Long Focal Distance Type Photointerrupter
GP2S03 SHARP-GP2S03 Datasheet
37Kb / 3P
Long Focal Distance Type Photointerrupter
GP2S28 SHARP-GP2S28 Datasheet
47Kb / 4P
Long Focal Distance, Case Type Photointerrupter
GP2S40 SHARP-GP2S40 Datasheet
48Kb / 4P
Long Focal Distance, Subminiature Photointerrupter
logo
Seoul Semiconductor
ERT801-S SEOUL-ERT801-S Datasheet
342Kb / 13P
Industry Standard PLCC SMT package Available in multiple colors
logo
List of Unclassifed Man...
P-8616 ETC2-P-8616 Datasheet
359Kb / 1P
Single Primary, Multiple Secondaries
logo
STMicroelectronics
AN4478 STMICROELECTRONICS-AN4478 Datasheet
263Kb / 9P
Using multiple VL6180Xs in a single design
14-May-2014
logo
Level One
CAS-1200 LVL1-CAS-1200 Datasheet
174Kb / 2P
3~8mm Vari-Focal Lens
logo
Lumileds Lighting Compa...
DS144 LUMILEDS-DS144 Datasheet
2Mb / 30P
Multiple colors, a single focal length
WP28 LUMILEDS-WP28 Datasheet
857Kb / 4P
The importance of a color LED with a small foot print, consistent focal height
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com