Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1880IS5 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1880IS5
Description  SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1880IS5 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1880IS5 Datasheet HTML 4Page - Linear Technology LT1880IS5 Datasheet HTML 5Page - Linear Technology LT1880IS5 Datasheet HTML 6Page - Linear Technology LT1880IS5 Datasheet HTML 7Page - Linear Technology LT1880IS5 Datasheet HTML 8Page - Linear Technology LT1880IS5 Datasheet HTML 9Page - Linear Technology LT1880IS5 Datasheet HTML 10Page - Linear Technology LT1880IS5 Datasheet HTML 11Page - Linear Technology LT1880IS5 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LT1880
12
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2001
1880f LT/TP 0801 2K • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATIO
PART NUMBER
DESCRIPTION
COMMENTS
LT1782
Rugged, General Purpose SOT-23 Op Amp
Rail-to-Rail I/O
LT1792
Low Noise JFET Op Amp
4.2nV/
√Hz
LT1881/LT1882
Dual/Quad Precision Op Amps
50
µV VOS(MAX), 200pA IB(MAX) Rail-to-Rail Output
LTC2050
Zero Drift Op Amp in SOT-23
3
µV VOS(MAX), Rail-to-Rail Output
All SOT-23 JFET Input Transimpedance Photodiode Amplifier
–
+
1880 TA02
C1
0.01
µF
C4
1.2pF
C5
1.2pF
S1
U1
LT1880
–
+
U2
LT1806
V+
V–
R2
220k, 5%
R1
220k, 5%
R3
10k
5%
R5
100k, 1%
N1
C3
0.01
µF
C2
0.1
µF
J1
J1: ON SEMI MMBF4416 JFET
N1:ON SEMI MMBT3904 NPN
S1: SIEMENS/INFINEON SFH213FA PHOTODIODE (~3pF)
VSUPPLY = ±5V
BANDWIDTH = 7MHz
NOISE FIGURE = 2dB AT 100kHz, 25
°C
AZ = 100kΩ
VOUT
R6
47
Ω
5%
1k
TIME DOMAIN
RESPONSE TRIM
R7
47
Ω
5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com