Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5514 Datasheet(PDF) 13 Page - Linear Technology

Part # LT5514
Description  Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5514 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT5514 Datasheet HTML 9Page - Linear Technology LT5514 Datasheet HTML 10Page - Linear Technology LT5514 Datasheet HTML 11Page - Linear Technology LT5514 Datasheet HTML 12Page - Linear Technology LT5514 Datasheet HTML 13Page - Linear Technology LT5514 Datasheet HTML 14Page - Linear Technology LT5514 Datasheet HTML 15Page - Linear Technology LT5514 Datasheet HTML 16Page - Linear Technology LT5514 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LT5514
5514f
Input Interface
For the lowest noise and highest linearity, the LT5514
should be driven with a differential input signal. Single-
ended drive will severely degrade linearity and noise
performance.
Example input matching networks are shown in Figures 3
and 4.
Input matching network design criteria are:
• DC block the LT5514 internal bias voltage (see Input
Bias Voltage section for DC coupling information)
• Match the source impedance to the LT5514, RIN ≅ 108Ω
• Provide well balanced differential input drive (capacitor
C2 in Figure 4)
• Minimize insertion loss to avoid degrading the noise
figure (NF)
Note: In Figure 5, (choke) inductors may be placed in
parallel with or used to replace resistors R1 and R2, thus
eliminating the DC voltage drop across these resistors.
APPLICATIO S I FOR ATIO
+
–
RIN
100
Ω
IN+
VSRC
LT5514
LT5514 F03
C1
R1
50
Ω
R2
50
Ω
C2
IN–
Figure 3. Input Capacitively-Coupled to a Differential Source
+
–
RIN
100
Ω
IN+
C2
0.33
µF
LT5514
LT5514 F04
RSRC
50
Ω
T1
1:2
•
•
•
VSRC
IN–
Figure 4. Input Transformer-Coupled to a Single-Ended Source
Output Interface
The output interface network provides an impedance
transformation between the actual load impedance, RLOAD,
and the LT5514 output loading, ROUT, chosen to maximize
power or linearity, or to minimize output noise, or for some
other criteria as explained in the following sections.
Two examples of output matching networks are shown in
Figures 5 and 6 (as implemented in the LT5514 demo
boards).
Figure 5. Output Impedance-Matched
and Capacitively Coupled to a Differential Load
+
–
RIN
100
Ω
IN+
LT5514
C1
C3
C2
R1
51
Ω
R2
51
Ω
VOSUP
RLOAD
50
Ω
RLOAD
50
Ω
ROUT
LT5514 F05
IN–
Figure 6. Output Impedance-Matched and
Transformer-Coupled to a Single-Ended Load
+
–
RIN
100
Ω
IN+
LT5514
C1
RMATCH
255
Ω
(OPTIONAL)
VOSUP
RLOAD
50
Ω
T2
4:1
ROUT
LT5514 F06
IN–
•
•
•
Output network design criteria are:
• Provide DC isolation between the LT5514 DC output
voltage and RLOAD.
• Provide a path for the output DC current from the output
voltage source VOSUP.
• Provide an impedance transformation, if required, be-
tween the load impedance, RLOAD, and the optimum
ROUT loading.
• Set the bandwidth of the output network.
• Optional: Provide board output impedance matching
using resistor RMATCH (when driving a transmission
line).
• Use high linearity passive parts to avoid introducing
noninearity.
Note that there is a noise penalty of up to 6dB when using
power delivered by only one output in Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com