Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3763 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N3763
Description  PNP SWITCHING SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3763 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N3763 Datasheet HTML 1Page - Microsemi Corporation 2N3763 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N3762, L, 2N3763, L, 2N3764, 2N3765 JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
Collector-Emitter Cutoff Current
VEB = 2.0 Vdc, VCE = 20 Vdc
2N3762, 2N3764
VEB = 2.0 Vdc, VCE = 30 Vdc
2N3763, 2N3765
ICEX
100
100
ηAdc
Emitter-Base Cutoff Current
VEB = 2.0 Vdc
All Types
VEB = 5.0 Vdc
2N3762, 2N3764
2N3763, 2N3765
IEBO
200
10
10
ηAdc
µAdc
ON CHARACTERISTICS (3)
Forward-Current Transfer Ratio
IC = 10 mAdc, VCE = 1.0 Vdc
IC = 150 mAdc, VCE = 1.0 Vdc
IC = 500 mAdc, VCE = 1.0 Vdc
IC = 1.0 Adc, VCE = 1.5 Vdc
2N3762, 2N3764
2N3763, 2N3765
IC = 1.5 Adc, VCE = 5.0 Vdc
2N3762, 2N3764
2N3763, 2N3765
hFE
35
40
40
30
20
30
20
140
120
80
Collector-Emitter Saturation Voltage
IC = 10 mAdc, IB = 1.0 mAdc
IC = 150 m Adc, IB = 15 mAdc
IC = 500 mAdc, IB = 50 mAdc
IC = 1.0 Adc, IB = 100 mAdc
VCE(sat)
0.1
0.22
0.5
0.9
Vdc
Base-Emitter Saturation Voltage
IC = 10 mAdc, IB = 1.0 mAdc
IC = 150 m Adc, IB = 15 mAdc
IC = 500 mAdc, IB = 50 mAdc
IC = 1.0 Adc, IB = 100 mAdc
VBE(sat)
0.9
0.8
1.0
1.2
1.4
Vdc
DYNAMIC CHARACTERISTICS
Forward Current Transfer Ratio, Magnitude
IC = 50 mAdc, VCE = 10 Vdc, f = 100 MHz
2N3762, 2N3764
2N3763, 2N3765
h
fe
1.8
1.5
6.0
6.0
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
25
pF
Input Capacitance
VEB = 0.5 Vdc, IC = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cibo
80
pF
SWITCHING CHARACTERISTICS
Delay Time
VCC = 30 Vdc, VEB = 0,
td
8.0
ηs
Rise Time
IC = 1.0 mAdc, IB1 = 100 mAdc
tr
35
ηs
Storage Time
VCC = 30 Vdc, VEB = 0,
ts
80
ηs
Fall Time
IC = 1.0 mAdc, IB1 = 100 mAdc
tf
35
ηs
(3) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com