Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z35 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M48Z35
Description  256 Kbit (32 Kbit x 8) ZEROPOWER SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z35 Datasheet(HTML) 3 Page - STMicroelectronics

  M48Z35 Datasheet HTML 1Page - STMicroelectronics M48Z35 Datasheet HTML 2Page - STMicroelectronics M48Z35 Datasheet HTML 3Page - STMicroelectronics M48Z35 Datasheet HTML 4Page - STMicroelectronics M48Z35 Datasheet HTML 5Page - STMicroelectronics M48Z35 Datasheet HTML 6Page - STMicroelectronics M48Z35 Datasheet HTML 7Page - STMicroelectronics M48Z35 Datasheet HTML 8Page - STMicroelectronics M48Z35 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3/20
M48Z35, M48Z35Y
DESCRIPTION
The M48Z35/Y ZEROPOWER® RAM is a 32 Kbit
x 8, non-volatile static RAM that integrates power-
fail deselect circuitry and battery control logic on a
single die. The monolithic chip is available in two
special packages to provide a highly integrated
battery backed-up memory solution.
The M48Z35/Y is a non-volatile pin and function
equivalent to any JEDEC standard 32K x8 SRAM.
It also easily fits into many ROM, EPROM, and
EEPROM sockets, providing the non-volatility of
PROMs without any requirement for special
WRITE timing or limitations on the number of
WRITEs that can be performed. The 28 pin 600mil
DIP CAPHAT™ houses the M48Z35/Y silicon with
a long life lithium button cell in a single package.
The 28 pin 330mil SOIC provides sockets with
gold plated contacts at both ends for direct con-
nection to a separate SNAPHAT housing contain-
ing the battery. The unique design allows the
SNAPHAT battery package to be mounted on top
of the SOIC package after the completion of the
surface mount process. Insertion of the SNAPHAT
housing after reflow prevents potential battery
damage due to the high temperatures required for
device surface-mounting. The SNAPHAT housing
is keyed to prevent reverse insertion.
The SOIC and battery packages are shipped sep-
arately in plastic anti-static tubes or in Tape & Reel
form.
For the 28 lead SOIC, the battery package (i.e.
SNAPHAT) part number is “M4Z28-BR00SH1.”
Figure 3. Logic Diagram
Table 1. Signal Names
AI01616D
15
A0-A14
W
DQ0-DQ7
VCC
M48Z35
M48Z35Y
G
VSS
8
E
A0-A14
Address Inputs
DQ0-DQ7
Data Inputs / Outputs
E
Chip Enable Input
G
Output Enable Input
W
WRITE Enable Input
VCC
Supply Voltage
VSS
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com