Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z35-70PC1 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M48Z35-70PC1
Description  256 Kbit (32 Kbit x 8) ZEROPOWER SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z35-70PC1 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M48Z35-70PC1 Datasheet HTML 9Page - STMicroelectronics M48Z35-70PC1 Datasheet HTML 10Page - STMicroelectronics M48Z35-70PC1 Datasheet HTML 11Page - STMicroelectronics M48Z35-70PC1 Datasheet HTML 12Page - STMicroelectronics M48Z35-70PC1 Datasheet HTML 13Page - STMicroelectronics M48Z35-70PC1 Datasheet HTML 14Page - STMicroelectronics M48Z35-70PC1 Datasheet HTML 15Page - STMicroelectronics M48Z35-70PC1 Datasheet HTML 16Page - STMicroelectronics M48Z35-70PC1 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13/20
M48Z35, M48Z35Y
Table 10. Power Down/Up Trip Points DC Characteristics
Note: All voltages referenced to VSS.
1. Valid for Ambient Operating Temperature: TA = 0 to 70°C or –40 to 85°C; VCC = 4.75 to 5.5V or 4.5 to 5.5V (except where noted).
2. At 25°C.
VCC Noise And Negative Going Transients
ICC transients, including those produced by output
switching, can produce voltage fluctuations, re-
sulting inspikes onthe VCC bus. These transients
can be reduced if capacitors are used to store en-
ergy which stabilizes the VCC bus. The energy
stored in the bypass capacitors will be released as
low going spikes are generated or energy will be
absorbed when overshoots occur. A ceramic by-
pass capacitor value of 0.1µF (see Figure 12) is
recommended in order to provide the needed fil-
tering.
In addition to transients that are caused by normal
SRAM operation, power cycling can generate neg-
ative voltage spikes on VCC that drive it to values
below VSS by as much as one volt. These negative
spikes can cause data corruption in the SRAM
while in battery backup mode. To protect from
these voltage spikes, ST recommends connecting
a schottky diode from VCC to VSS (cathode con-
nected to VCC, anode to VSS). (Schottky diode
1N5817 is recommended for through hole and
MBRS120T3 is recommended for surface mount).
Figure 12. Supply Voltage Protection
Symbol
Parameter(1)
Min
Typ
Max
Unit
VPFD
Power-fail Deselect Voltage
M48Z35
4.5
4.6
4.75
V
M48Z35Y
4.2
4.35
4.5
V
VSO
Battery Back-up Switchover Voltage
M48Z35/Y
3.0
V
tDR
(2)
Expected Data Retention Time
10
YEARS
AI02169
VCC
0.1
µF
DEVICE
VCC
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com