Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-1043-C2-R0 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # ATS-1043-C2-R0
Description  High Performance Heat Sinks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

ATS-1043-C2-R0 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  ATS-1043-C2-R0 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Details
DIMENSION A
DIMENSION B
DIMENSION C
DIMENSION D
INTERFACE MATERIAL
FINISH
Notes:
1)
Dimension C = heat sink height from bottom of the base to the top of the fin field.
2)
Thermal performance data are provided for reference only. Actual performance may vary
by application.
3)
ATS reserves the right to update or change its products without notice to improve the
design or performance.
4)
Contact ATS to learn about custom options available.
thermal Performance
For more information, to find a distributor or to place an order, visit www.qats.com or
call: 781.769.2800 (North America); +31 (0) 3569 84715 (Europe).
ATS PART # ATS-1043-C2-R0
Features & Benefits
maxiFLoWtM Cross Cut
High Performance Heat sinks
with Metal Push Pin
REV3_052912
AIR VELOCITy
THERMAL RESISTANCE (
°C/w UNDUCTED)
FT/MIN
M/S
AIR FLOW STRAIGHT
AIR FLOW SIDEWAYS
200
1.0
300
1.5
2.8
400
2.0
2.1
500
2.5
1.6
600
3.0
1.3
1.9
1.6
1.3
1.1
1.0
3.6
» For larger heat sinks and higher pre-loads, push pins with
compression springs are an effective mounting choice. The push
pin has a flexible barb at the end that is designed to engage with
a pre-drilled hole in a PWB. The compression spring adds the
necessary force to hold the assembly together. Provides better
thermal performance than comparable size straight fin and pin fin
heat sinks.
» Features proven high performance maxiFLOW™ heat sink spread fin array to
maximize cooling surfaces.
» Ideal for tight spaced components where wider heat sinks can’t be used.
» Provided with pre-assembled thermal interface material centered on base.
» Brass pushpin with steel compression spring.
» Reccomended through hole size in PCB is 3.00 mm.
*Image above is for illustration purposes only.
20.02 .788
50.8
2.0
HOLE PATTERN B
41 mm
45 mm
25 mm
79 mm
CHOMERICS T766
GREEN ANODIZED
DIMENSION A
DIMENSION B
DIMENSION C
DIMENSION D
INTERFACE MATERIAL
FINISH


Similar Part No. - ATS-1043-C2-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-1043-C2-R0_DS ATS-ATS-1043-C2-R0_DS Datasheet
2Mb / 1P
maxiFLOW Cross Cut High Performance Heat Sinks with Metal Push Pin
REV1_0908
More results

Similar Description - ATS-1043-C2-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-1043-C3-R0 ATS-ATS-1043-C3-R0 Datasheet
435Kb / 1P
Cross Cut High Performance Heat Sinks with Hardware Attachment
REV3_052912
logo
Picker Components
PCH PICKER-PCH_15 Datasheet
617Kb / 3P
Heat Sinks
logo
Advanced Thermal Soluti...
ATS-1039-C2-R0 ATS-ATS-1039-C2-R0 Datasheet
2Mb / 1P
High Performance Heat Sinks
REV1_0908
ATS-1041-C1-R0 ATS-ATS-1041-C1-R0 Datasheet
435Kb / 1P
High Performance Heat Sinks
REV3_052912
ATS-1041-C2-R0 ATS-ATS-1041-C2-R0 Datasheet
429Kb / 1P
High Performance Heat Sinks
REV3_052912
ATS-1041-C3-R0 ATS-ATS-1041-C3-R0 Datasheet
436Kb / 1P
High Performance Heat Sinks
REV3_052912
ATS-1042-C2-R0 ATS-ATS-1042-C2-R0 Datasheet
428Kb / 1P
High Performance Heat Sinks
REV3_052912
ATS-1042-C3-R0 ATS-ATS-1042-C3-R0 Datasheet
435Kb / 1P
High Performance Heat Sinks
REV3_052912
ATS-1042-C1-R0 ATS-ATS-1042-C1-R0 Datasheet
429Kb / 1P
High Performance Heat Sinks
REV3_052912
ATS-1043-C1-R0 ATS-ATS-1043-C1-R0 Datasheet
429Kb / 1P
High Performance Heat Sinks
REV3_052912
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com