Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z35-70PC6TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # M48Z35-70PC6TR
Description  256 Kbit (32 Kbit x 8) ZEROPOWER SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z35-70PC6TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M48Z35-70PC6TR Datasheet HTML 5Page - STMicroelectronics M48Z35-70PC6TR Datasheet HTML 6Page - STMicroelectronics M48Z35-70PC6TR Datasheet HTML 7Page - STMicroelectronics M48Z35-70PC6TR Datasheet HTML 8Page - STMicroelectronics M48Z35-70PC6TR Datasheet HTML 9Page - STMicroelectronics M48Z35-70PC6TR Datasheet HTML 10Page - STMicroelectronics M48Z35-70PC6TR Datasheet HTML 11Page - STMicroelectronics M48Z35-70PC6TR Datasheet HTML 12Page - STMicroelectronics M48Z35-70PC6TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9/20
M48Z35, M48Z35Y
Table 7. READ Mode AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C or –40 to 85°C; VCC = 4.75 to 5.5V or 4.5 to 5.5V (except where noted).
2. CL = 100pF.
3. CL = 5pF.
Symbol
Parameter(1)
M48Z35/Y
Unit
–70
Min
Max
tAVAV
READ Cycle Time
70
ns
tAVQV
(2)
Address Valid to Output Valid
70
ns
tELQV
(2)
Chip Enable Low to Output Valid
70
ns
tGLQV
(2)
Output Enable Low to Output Valid
35
ns
tELQX
(3)
Chip Enable Low to Output Transition
5
ns
tGLQX
(3)
Output Enable Low to Output Transition
5
ns
tEHQZ
(3)
Chip Enable High to Output Hi-Z
25
ns
tGHQZ
(3)
Output Enable High to Output Hi-Z
25
ns
tAXQX
(2)
Address Transition to Output Transition
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com