Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG58-P Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # RG58-P
Description  53 Ohm Flexible RG58-P Plenum Rated Coax Cable Single Shielded with Black FEP Jacket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

RG58-P Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  RG58-P Datasheet HTML 1Page - Pasternack Enterprises, Inc. RG58-P Datasheet HTML 2Page - Pasternack Enterprises, Inc. RG58-P Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• Plenum Flexible Cable
• 1 Shield(s)
.
Description
Flexible RG58/U Type Plenum Rated Coax Cable Single Shielded with Black FEP Jacket
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
1,000
MHz
Impedance
53
Ohms
Velocity of Propagation
69.5
%
Time Delay
1.48 [4.86]
ns/ft [ns/m]
Shielding Effectiveness
45
dB
Inner Conductor DC Resistance
10.2
Ohms/1000ft
Outer Conductor DC Resistance
6.7
Ohms/1000ft
Nominal Capacitance
26.4 [86.61]
pF/ft [pF/m]
Nominal Inductance
0.088 [0.29]
uH/ft [uH/m]
. .
Performance by Frequency Band
Description
F1
F2
F3
F4
F5
Units
Frequency
1
10
50
100
200
MHz
Attenuation, Typ
0.5
1.2
3
4.3
6.4
dB/100ft
1.64
3.94
9.84
14.11
21
dB/100m
.
Input Power (CW), Max
4,798
1,937
782
542
370
Watts
.
Description
F6
F7
F8
F9
F10
Units
Frequency
400
700
900
1,000
MHz
Attenuation, Typ
9.7
13.7
16.1
17.3
dB/100ft
31.82
44.95
52.82
56.76
dB/100m
.
Input Power (CW), Max
248
177
153
143
Watts
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 53 Ohm Flexible RG58-P Plenum Rated Coax Cable Single Shielded with Black FEP Jacket
RG58-P
RG58-P REV 1.2
53 Ohm Flexible RG58-P Plenum Rated Coax
Cable Single Shielded with Black FEP Jacket
RF Cables Technical Data Sheet
RG58-P


Similar Part No. - RG58-P

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
RG58-TPX PASTERNACK-RG58-TPX Datasheet
311Kb / 2P
Flexible RG58 Coax Cable Single Shielded With Blue TPX Jacket, Rated To 150 C
More results

Similar Description - RG58-P

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
RG179B-U PASTERNACK-RG179B-U Datasheet
273Kb / 3P
75 Ohm Flexible RG179 Coax Cable Single Shielded with Tan FEP Jacket
RG180B-U PASTERNACK-RG180B-U Datasheet
1Mb / 3P
95 Ohm Flexible RG180 Coax Cable Single Shielded with Tan FEP Jacket
RG302-U PASTERNACK-RG302-U Datasheet
1Mb / 3P
75 Ohm Flexible RG302 Coax Cable Single Shielded with Tan FEP Jacket
RG58-TPX PASTERNACK-RG58-TPX Datasheet
311Kb / 2P
Flexible RG58 Coax Cable Single Shielded With Blue TPX Jacket, Rated To 150 C
RG59-P PASTERNACK-RG59-P Datasheet
1Mb / 3P
75 Ohm Flexible RG59 Plenum Rated Coax Cable Single Shielded with White PVC Jacket
RG55B-U PASTERNACK-RG55B-U Datasheet
1Mb / 3P
53 Ohm Flexible RG55 Coax Cable Double Shielded with Black PE Jacket
RG58C-U PASTERNACK-RG58C-U Datasheet
426Kb / 3P
Flexible RG58 Coax Cable Single Shielded with Black PVC (NC) Jacket
RG178B-U PASTERNACK-RG178B-U Datasheet
360Kb / 3P
Flexible RG178 Coax Cable Single Shielded with Tan FEP Jacket
RG303-U PASTERNACK-RG303-U Datasheet
1Mb / 3P
Flexible RG303 Coax Cable Single Shielded with Tan FEP Jacket
RG316-U PASTERNACK-RG316-U Datasheet
382Kb / 4P
Flexible RG316 Coax Cable Single Shielded with Tan FEP Jacket
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com