Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK496RH Datasheet(PDF) 2 Page - Anaren Microwave

Part # MSK496RH
Description  RAD HARD QUAD PRECISION RAIL TO RAIL CURRENT SENSE AMP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

MSK496RH Datasheet(HTML) 2 Page - Anaren Microwave

  MSK496RH Datasheet HTML 1Page - Anaren Microwave MSK496RH Datasheet HTML 2Page - Anaren Microwave MSK496RH Datasheet HTML 3Page - Anaren Microwave MSK496RH Datasheet HTML 4Page - Anaren Microwave MSK496RH Datasheet HTML 5Page - Anaren Microwave MSK496RH Datasheet HTML 6Page - Anaren Microwave MSK496RH Datasheet HTML 7Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Input Voltage (+IN, -IN to V-)
Differential Input Voltage
Total Supply Voltage from V-
Output Short Circuit Duration
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Junction Temperature
Case Operating Temperature Range
MSK496KRH/HRH
MSK496RH
MSK496EDU
ESD Rating
2
-65°C to +150°C
300°C
150°C
-55°C to+125°C
-40°C to +85°C
-40°C to +85°C
Class 1B
-9.5V to 44V
44V
36V
Indefinite
ABSOLUTE MAXIMUM RATINGS
TST
TLD
TJ
TC
ELECTRICAL SPECIFICATIONS
9
Unless otherwise specified; V+=12V, V-=0V, VS+=12V, RIN1=RIN2 =100Ω, ROUT=5K(AV = 50), VSENSE=(VS+)-(VS-).
Guaranteed by design but not tested.
Typical parameters are representative of device performance but are for reference only.
A heat sink may be required to keep the junction temperature below absolute maximum ratings.
Industrial grade devices shall be tested to subgroup 1 and 4 unless otherwise specified.
Military grade devices ("H" and "K" suffix) shall be 100% tested to subgroups 1,2,3, and 4
Subgroup 5 & 6 testing available upon request.
Subgroup 1,4
TC = +25°C
Subgroup 2,5
TC = +125°C
Subgroup 3,6
TC = -55°C
Continuous operation at or above absolute maximum ratings may adversely affect the device performance and/or life cycle.
Pre and post irradiation limits at 25°C, up to 100 Krad(Si) TID (Condition A) and 50 Krad(Si) TID (Condition D),
are identical unless otherwise specified.
MSK496EDU does not use Rad Hard die, post irradiation specifications are not applicable.
Internal solder reflow temperature is 180°C, do not exceed.
4
NOTES:
11
1
2
3
4
5
6
7
8
9
10
11
12
12
8548-89 Rev. I 10/14



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com