Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPCSLNM1.F1 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # KPCSLNM1.F1
Description  Head-Up Display LED & Laser
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KPCSLNM1.F1 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button KPCSLNM1.F1 Datasheet HTML 8Page - OSRAM GmbH KPCSLNM1.F1 Datasheet HTML 9Page - OSRAM GmbH KPCSLNM1.F1 Datasheet HTML 10Page - OSRAM GmbH KPCSLNM1.F1 Datasheet HTML 11Page - OSRAM GmbH KPCSLNM1.F1 Datasheet HTML 12Page - OSRAM GmbH KPCSLNM1.F1 Datasheet HTML 13Page - OSRAM GmbH KPCSLNM1.F1 Datasheet HTML 14Page - OSRAM GmbH KPCSLNM1.F1 Datasheet HTML 15Page - OSRAM GmbH KPCSLNM1.F1 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
KP CSLNM1.F1
12 Version 1.4 | 2018-03-29
10-6 10-5 10-4 10-3 0,01 0,11
10
Pulsetime [s]
3,0
3,5
4,0
4,5
5,0
IF [A]
TS =0°C ... 99°C
KP CSLNM1.F1
:D =1.0
:D =0.5
:D =0.2
:D =0.1
:D =0.05
:D =0.02
:D =0.01
:D =0.005
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle
KP CSLNM1.F1
020406080
100
120
T [°C]
0
500
1000
1500
2000
2500
3000
IF [mA]
:Ts
Max. Permissible Forward Current
I
F = f(T)
0102030405060708090 100
Duty Cycle [%]
0
1
2
3
4
IF [A]
KP CSLNM1.F1
TS =0°C ... 99°C
:f= 60Hz
:f= 240Hz
:f= 400Hz
:f= 800Hz
:f= 1000Hz
Permissible Frequency Handling
10-6 10-5 10-4 10-3 0,01 0,11
10
Pulsetime [s]
2
3
4
5
IF [A]
TS = 125°C
KP CSLNM1.F1
:D =1.0
:D =0.5
:D =0.2
:D =0.1
:D =0.05
:D =0.02
:D =0.01
:D =0.005
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com