Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW1157 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW1157
Description  8-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1157 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW1157 Datasheet HTML 3Page - New Japan Radio NJW1157 Datasheet HTML 4Page - New Japan Radio NJW1157 Datasheet HTML 5Page - New Japan Radio NJW1157 Datasheet HTML 6Page - New Japan Radio NJW1157 Datasheet HTML 7Page - New Japan Radio NJW1157 Datasheet HTML 8Page - New Japan Radio NJW1157 Datasheet HTML 9Page - New Japan Radio NJW1157 Datasheet HTML 10Page - New Japan Radio NJW1157 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
NJW1157
– 7 –
!
!
!
! TERMINAL DESCRIPTION
PIN
NO.
SYMBOL
FUNCTION
EQUIVALENT CIRCUIT
TERMINAL
DC
VOLTAGE
31
32
33
36
37
38
39
40
DCCAP_L
DCCAP_R
DCCAP_C
DCCAP_LS
DCCAP_RS
DCCAP_LB
DCCAP_RB
DCCAP_SW
Switching noise rejection capacitor
Switching noise rejection capacitor
Switching noise rejection capacitor
Switching noise rejection capacitor
Switching noise rejection capacitor
Switching noise rejection capacitor
Switching noise rejection capacitor
Switching noise rejection capacitor
0
34
35
76
96
97
GND
GND
DGND
GND
GND
Ground
Ground
Digital Ground
Ground
Ground
0
42
44
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
DCL_IN
DCR_IN
L1_IN
R1_IN
L2_IN
R2_IN
L3_IN
R3_IN
L4_IN
R4_IN
L5_IN
R5_IN
L6_IN
R6_IN
L7_IN
R7_IN
L8_IN
R8_IN
L9_IN
R9_IN
L10_IN
R10_IN
L11_IN
R11_IN
L12_IN
R12_IN
“Multi-channel selector” Lch input
“Multi-channel selector” Rch input
“Input selector” Lch input 1
“Input selector” Rch input 1
“Input selector” Lch input 2
“Input selector” Rch input 2
“Input selector” Lch input 3
“Input selector” Rch input 3
“Input selector” Lch input 4
“Input selector” Rch input 4
“Input selector” Lch input 5
“Input selector” Rch input 5
“Input selector” Lch input 6
“Input selector” Rch input 6
“Input selector” Lch input 7
“Input selector” Rch input 7
“Input selector” Lch input 8
“Input selector” Rch input 8
“Input selector” Lch input 9
“Input selector” Rch input 9
“Input selector” Lch input 10
“Input selector” Rch input 10
“Input selector” Lch input 11
“Input selector” Rch input 11
“Input selector” Lch input 12
“Input selector” Rch input 12
0
V+
V- (SUB)
V- (SUB)
300
V+
100K
V- (SUB)
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com