Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROS-200 Datasheet(PDF) 2 Page - Mini-Circuits

Part # ROS-200
Description  Voltage Controlled Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ROS-200 Datasheet(HTML) 2 Page - Mini-Circuits

  ROS-200 Datasheet HTML 1Page - Mini-Circuits ROS-200 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V
TUNE
HARMONICS (dBc)
FREQ. PUSHING
(MHz/V)
F2
F3
F4
V
TUNE
TUNING
SENS.
(MHz/V)
FREQUENCY (MHz)
POWER OUTPUT (dBm)
-55°C
+25°C
+85°C
-55°C
+25°C
+85°C
Performance Data & Curves
ROS-200+
Frequency and Tuning Sensitivity (at +25°C)
50
100
150
200
250
300
350
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17
Tuning Voltage (V)
2
4
6
8
10
12
-55°C
+25°C
+85°C
T SENS.
ROS-200+
Harmonics Level
-60
-50
-40
-30
-20
-10
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17
Tuning Voltage (V)
F2
F3
F4
ROS-200+
Power Output
6
8
10
12
14
16
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17
Tuning Voltage (V)
-55°C
+25°C
+85°C
ROS-200+
Frequency Pushing
(Supply Voltage 12V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17
Tuning Voltage (V)
1.0
8.23
96.5
93.5
93.4
8.53
8.55
7.83
2.0
6.99
104.0
101.3
101.2
9.59
9.87
9.48
3.0
6.67
110.8
108.2
108.0
9.85
10.13
9.83
4.0
6.75
117.4
114.9
114.6
9.94
10.22
9.97
5.0
7.09
124.2
121.7
121.3
9.98
10.24
10.02
6.0
7.59
131.4
128.9
128.4
9.99
10.22
10.01
7.0
8.10
139.1
136.6
136.0
10.00
10.18
9.97
8.0
8.53
147.3
144.8
144.2
9.98
10.11
9.90
9.0
8.82
155.9
153.4
152.8
9.93
10.00
9.78
10.0
8.93
164.7
162.3
161.6
9.84
9.84
9.62
11.0
9.19
173.6
171.3
170.5
9.73
9.67
9.44
12.0
9.41
182.7
180.5
179.7
9.57
9.47
9.23
13.0
9.81
192.1
190.0
189.2
9.38
9.24
8.99
14.0
10.16
202.0
199.9
199.1
9.14
8.98
8.71
15.0
10.29
212.1
210.1
209.3
8.89
8.69
8.40
16.0
10.03
222.4
220.4
219.5
8.58
8.38
8.06
17.0
9.72
232.3
230.2
229.3
8.27
8.08
7.72
1.0
-28.01
-49.61
-46.84
0.25
2.0
-34.02
-48.58
-49.49
0.17
3.0
-39.00
-44.81
-50.96
0.16
4.0
-32.97
-43.33
-51.00
0.14
5.0
-29.68
-41.75
-51.06
0.14
6.0
-27.91
-40.67
-50.74
0.14
7.0
-27.45
-39.80
-51.01
0.16
8.0
-27.54
-39.31
-51.58
0.20
9.0
-28.49
-38.55
-53.40
0.24
10.0
-29.49
-38.10
-55.68
0.26
11.0
-30.33
-37.41
-56.65
0.27
12.0
-31.36
-37.23
-56.77
0.23
13.0
-32.10
-37.21
-55.37
0.23
14.0
-32.45
-36.87
-52.10
0.26
15.0
-30.71
-36.29
-49.47
0.35
16.0
-29.46
-36.76
-48.86
0.46
17.0
-28.22
-37.24
-49.59
0.55
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
Provides ACTUAL Data Instantly at
TM
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications
and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to
Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard
Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
For detailed performance specs
& shopping online see web site
minicircuits.com
IF/RF MICROWAVE COMPONENTS
ROS-200+
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com