Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD90FG80 Datasheet(PDF) 2 Page - SanRex Corporation

Part # PD90FG80
Description  THYRISTOR MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

PD90FG80 Datasheet(HTML) 2 Page - SanRex Corporation

  PD90FG80 Datasheet HTML 1Page - SanRex Corporation PD90FG80 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PK(PD,PE)90FG
25℃
VFGM(10V)
VGD
P
GM(1
0W
)
P
G
(A
V)
(1
W
)
Gate Characteristics
Gate Current(mA)
100
20
10
50
2
1
5
0.
2
0.
1
0.
5
1000
100
20
10
200
500
10000
2000
5000
50
T
j=25℃
Maximum
On-State Voltage max
On-State Voltage(V)
0.
5
1.
0
1.
5
2.
0
2.
5
1000
100
20
10
200
500
50
T
j=25℃ start
Per One Element
50HZ
60HZ
500
1000
1500
2000
2500
0
1
2
5
20
50
100
10
Time(cycles)
Surge On-State Current Rating
(Non-Repetitive)
Junction to Case
Per One Element
0.3
0.35
0.2
0.25
0.1
0.15
0.05
0
10
5
0.
0010.
002 0.
0050.
010.
02 0.
050.
10.
2 0.
5
2
1
Time
t(sec)
Transient Thermal Impedance



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com