Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT312LS-T Datasheet(PDF) 1 Page - International Rectifier

Part # PVT312LS-T
Description  Microelectronic Power IC Power MOSFET Photovoltaic Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT312LS-T Datasheet(HTML) 1 Page - International Rectifier

  PVT312LS-T Datasheet HTML 1Page - International Rectifier PVT312LS-T Datasheet HTML 2Page - International Rectifier PVT312LS-T Datasheet HTML 3Page - International Rectifier PVT312LS-T Datasheet HTML 4Page - International Rectifier PVT312LS-T Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet No. PD 10038-F
Series PVT312
Microelectronic Power IC
HEXFET® Power MOSFET Photovoltaic Relay
Single Pole, Normally Open, 0-250V, 190mA AC/DC
General Description
The PVT312 Photovoltaic Relay is a single-pole, nor-
mally open solid-state relay that can replace
electromechanical relays in many applications. It util-
izes International Rectifier’s proprietary HEXFET
power MOSFET as the output switch, driven by an
integrated circuit photovoltaic generator of novel
construction. The output switch is controlled by
radiation from a GaAlAs light emitting diode (LED)
which is optically isolated from the photovoltaic
generator.
This SSR is specifically designed for telecom appli-
cations. PVT312L employs an active current-limiting
circuitry enabling it to withstand current surge tran-
sients.
PVT312 Relays are packaged in a 6-pin, molded
DIP package with either thru-hole or surface mount
( “gull-wing”) terminals. It is available in standard plas-
tic shipping tubes or on tape-and-reel. Please refer
to the Part Identification information opposite.
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
Applications
!
On/Off Hook switch
!
Dial-Out relay
!
Ring injection relay
!
Ground start
!
General switching
Part Identification
PVT312L
current limit, thru-hole
PVT312LS
current limit, surface-mount
PVT312LS-T
current limit,surface-mount,
tape and reel
PVT312
no current limit, thru-hole
PVT312S
no current limit, surface-
mount
PVT312S-T
no current limit, surface-
mount, tape and reel
Features
"
HEXFET Power MOSFET output
"
Bounce-free operation
"
4,000 V
RMS I/O isolation
"
Load current limiting
"
Linear AC/DC operation
"
Solid-State Reliability
"
UL recognized and BABT certified
" ESD Tolerance:
4000V Human Body Model
500V Machine Model
www.irf.com
1


Similar Part No. - PVT312LS-T

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT312LS-TPbF IRF-PVT312LS-TPbF Datasheet
1Mb / 5P
Series PVT312PbF Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay
More results

Similar Description - PVT312LS-T

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVAZ172N IRF-PVAZ172N Datasheet
168Kb / 4P
POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole, Normally Open 0-60V AC, 1.0A
PVD13 IRF-PVD13 Datasheet
311Kb / 6P
Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 500mA, 0-100V DC
PVD33 IRF-PVD33 Datasheet
303Kb / 6P
Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 220mA, 0-300V DC
PVDZ172N IRF-PVDZ172N Datasheet
137Kb / 4P
POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole, Normally Open 0-60V DC, 1.5A
PVA10 IRF-PVA10 Datasheet
89Kb / 6P
Microelectronic Power IC BOSFET Photovoltaic Relay
PVT422PBF IRF-PVT422PBF_08 Datasheet
1Mb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual Pole, Normally Open
PVT322A IRF-PVT322A_08 Datasheet
1Mb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual Pole, Normally Open
65336 IRF-65336 Datasheet
254Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay
PVN012PBF IRF-PVN012PBF Datasheet
1Mb / 5P
Series PVN012PbF Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay
PVT312LPBF IRF-PVT312LPBF Datasheet
1Mb / 5P
Series PVT312PbF Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com