Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT312 Datasheet(PDF) 2 Page - International Rectifier

Part # PVT312
Description  Microelectronic Power IC Power MOSFET Photovoltaic Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT312 Datasheet(HTML) 2 Page - International Rectifier

  PVT312 Datasheet HTML 1Page - International Rectifier PVT312 Datasheet HTML 2Page - International Rectifier PVT312 Datasheet HTML 3Page - International Rectifier PVT312 Datasheet HTML 4Page - International Rectifier PVT312 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series PVT312
2
www.irf.com
GENERAL CHARACTERISTICS
ALL MODELS
Minimum Dielectric Strength, Input-Output
4000
VRMS
Minimum Insulation Resistance, Input-Output
@TA=+25°C, 50%RH, 100VDC
1012
Ω
Maximum Capacitance, Input-Output
1.0
pF
Maximum Pin Soldering Temperature (10 seconds maximum)
+260
°C
Ambient Temperature Range:
Operating
-40 to +85
°C
Storage
-40 to +100
OUTPUT CHARACTERISTICS
PVT312L
PVT312
Operating Voltage Range
0 to ±250
V(DC or AC peak)
Maximum Load Current
@ TA=+40°C, 5mA Control (see figures 1 and 2)
A Connection
170
190
mA (AC or DC)
B Connection
190
210
mA (DC)
C Connection
300
320
mA (DC)
Maximum On-State Resistance
@TA=+25°C for 50mA pulsed load
5mA Control (see figure4)
A Connection
15
10
Ω
B Connection
8
5.5
Ω
C Connection
4.25
3
Ω
Maximum Off-State Leakage
@TA=+25°C, ±250V (see figure 5)
1.0
µA
Current Limit
@TA=+25°C, 5mA Control
Connection:
A
C
Minimum
190
330
n/a
mA
Maximum
300
560
n/a
mA
Maximum Turn-On Time
@TA=+25°C (see figure 7)
3.0
ms
for 50mA, 100 VDC load, 5mA Control
Maximum Turn-Off Time @TA=+25°C (See Fig. 6)
0.5
ms
For 50mA, 100 VDC load, 5mA Control
Maximum Output Capacitance @ 50VDC
50
pF
INPUT CHARACTERISTICS
Part Numbers
Units
Minimum Control Current
(see figures 1 and 2)
2.0
mA
Maximum Control Current for Off-State Resistance @ TA=+25°C
0.4
mA
Control Current Range
(Caution: current limit input LED, see figure 6)
2.0 to 25
mA
Maximum Reverse Voltage
7.0
V
Electrical Specifications (-40°C
≤ T
A ≤ +85°C unless otherwise specified)
PVT312L
PVT312
International Rectifier does not recommend the use of this product in aerospace, avionics, military or life support applications.
Users of this International Rectifier product in such applications assume all risks of such use and indemnify International
Rectifier against all damages resulting from such use.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com