Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHCS362G Datasheet(PDF) 25 Page - Microchip Technology

Part # RFHCS362G
Description  Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362G Datasheet(HTML) 25 Page - Microchip Technology

Back Button RFHCS362G Datasheet HTML 21Page - Microchip Technology RFHCS362G Datasheet HTML 22Page - Microchip Technology RFHCS362G Datasheet HTML 23Page - Microchip Technology RFHCS362G Datasheet HTML 24Page - Microchip Technology RFHCS362G Datasheet HTML 25Page - Microchip Technology RFHCS362G Datasheet HTML 26Page - Microchip Technology RFHCS362G Datasheet HTML 27Page - Microchip Technology RFHCS362G Datasheet HTML 28Page - Microchip Technology RFHCS362G Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
© 2002 Microchip Technology Inc.
Preliminary
DS41189A-page 25
rfHCS362G/362F
4.5.12
HEADER
When PWM mode is selected the header length (low
time between preamble and data bits start) can be set
to 10 x TE or 3 x TE. The 10 x TE mode is recommended
for compatibility with previous KEELOQ encoder mod-
els. In Manchester mode, the header length is fixed and
set to 4 x TE.
4.5.13
RFEN
RFEN
selects whether the RFEN output is enabled or
disabled. If enabled, S3 is only sampled 2 s after the
last button is released and at the start of the first trans-
mission. If disabled S3 functions the same as the other
S inputs. For typical implementation of the rfHCS362G/
362F the RFEN bit = 0.
4.6
SYNCHRONOUS MODE
In Synchronous mode, the code word can be clocked
out on DATA using S2 as a clock. To enter Synchro-
nous mode, S2 must be taken HIGH and then DATA
and S0 or S1 are taken HIGH. After Synchronous mode
is entered, DATA and S2 must be taken LOW. The data
is clocked out on DATA on every falling edge of S2.
Auto-shutoff timer is not disabled in Synchronous
mode. Refer to Figure 4-1 and Figure 4-2.
FIGURE 4-1:
SYNCHRONOUS TRANSMISSION MODE
FIGURE 4-2:
CODE WORD ORGANIZATION (SYNCHRONOUS TRANSMISSION MODE)
“01,10,11”
DATA
S2
S0 or S1
TPS
TPH1 TPH2
t = 50ms
Preamble
Header
Data
RFEN
TRFON
35 pulses on S2
QUEUE
(2 bits)
CRC
(2 bits)
Vlow
(1-bit)
Button
Status
S2 S1 S0 S3
Serial Number
(28 bits)
Button
Status
S2 S1 S0 S3
DISC+ OVR
(12 bits)
Sync Counter
(16 bits)
69 Data bits
Transmitted
LSb first.
LSb
MSb
Fixed Portion
Encrypted Portion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com