Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG402-U-STRAIGHT Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # RG402-U-STRAIGHT
Description  RG402 Coax Cable with Copper Outer Conductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

RG402-U-STRAIGHT Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  RG402-U-STRAIGHT Datasheet HTML 1Page - Pasternack Enterprises, Inc. RG402-U-STRAIGHT Datasheet HTML 2Page - Pasternack Enterprises, Inc. RG402-U-STRAIGHT Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
RG402 Coax Cable with Copper Outer Conductor
Configuration
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Shield Materials
Copper
Jacket Material and Color
Tan
Electrical Specifications
Impedance, Ohms
50
Maximum Operating Frequency, GHz
36
Capacitance, pF/ft [pF/m]
29.9 [98.1]
Dielectric Withstanding Voltage, Vrms
5,000
Electrical Specifications by Frequency
Frequency 1
Frequency, MHz
1000
Attenuation, dB/100ft [dB/100m]
12 [39.37]
Power Handling, Watts
450
Frequency 2
Frequency, GHz
10
Attenuation, dB/100ft [dB/100m]
45 [147.64]
Power Handling, Watts
120
Frequency 3
Frequency, GHz
20
Attenuation, dB/100ft [dB/100m]
70 [229.66]
Power Handling, Watts
70
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +125
Inner Conductor
Number of Strands
1
Material
Copper Clad Steel
Plating
Silver
Diameter, in [mm]
0.036 [0.91]
Dielectric:
Type
PTFE
Diameter, in [mm]
0.117 [2.97]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RG402 Coax Cable with Copper Outer Conductor RG402/U-STRAIGHT
RG402/U-STRAIGHT
RG402/U-STRAIGHT REV
RG402 Coax Cable with Copper Outer Conductor


Similar Part No. - RG402-U-STRAIGHT

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
RG402-U PASTERNACK-RG402-U Datasheet
271Kb / 3P
RG402 Coax Cable with Copper Outer Conductor
More results

Similar Description - RG402-U-STRAIGHT

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-SR405FL PASTERNACK-PE-SR405FL Datasheet
247Kb / 3P
Formable 086 Semi-rigid Coax Cable with Tinned Copper Braid Outer Conductor
PE-SR402TN PASTERNACK-PE-SR402TN Datasheet
269Kb / 3P
RG402 Coax Cable with Tinned Copper Outer Conductor
PE-SR405TN PASTERNACK-PE-SR405TN Datasheet
266Kb / 3P
RG405 Coax Cable with Tinned Copper Outer Conductor
PE-118SR PASTERNACK-PE-118SR Datasheet
1Mb / 3P
118 Semi-rigid Coax Cable with Copper Outer Conductor
PE-SR402TN-STRAIGHT PASTERNACK-PE-SR402TN-STRAIGHT Datasheet
373Kb / 3P
RG402 Tinned Coax Cable with Tinned Copper Outer Conductor
PE-SR405TN-STRAIGHT PASTERNACK-PE-SR405TN-STRAIGHT Datasheet
367Kb / 3P
RG405 Tinned Coax Cable with Tinned Copper Outer Conductor
RG402-U PASTERNACK-RG402-U Datasheet
271Kb / 3P
RG402 Coax Cable with Copper Outer Conductor
RG405-U PASTERNACK-RG405-U Datasheet
272Kb / 3P
086 Semi-rigid Coax Cable with Copper Outer Conductor
RG405-U-STRAIGHT PASTERNACK-RG405-U-STRAIGHT Datasheet
1Mb / 3P
086 Semi-rigid Coax Cable with Copper Outer Conductor
RG402 PASTERNACK-RG402 Datasheet
363Kb / 3P
RG402 Coax Cable with Copper Outer Conductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com