Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG402 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # RG402
Description  RG402 Coax Cable with Copper Outer Conductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

RG402 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  RG402 Datasheet HTML 1Page - Pasternack Enterprises, Inc. RG402 Datasheet HTML 2Page - Pasternack Enterprises, Inc. RG402 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Shield:
Number of
1
Material 1
Copper
Diameter, in [mm]
0.141 [3.58]
Jacket:
Color
Tan
Weight, lbs/ft [Kg/m]
0.034 [0.05]
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RG402 Coax Cable with Copper Outer Conductor from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RG402 Coax Cable with Copper Outer Conductor RG402/U-STRAIGHT
URL: http://www.pasternack.com/50-ohm-semi-rigid-rg402-copper-tan-rg402-u-straight-p.aspx
RG402/U-STRAIGHT
RG402/U-STRAIGHT REV
RG402 Coax Cable with Copper Outer Conductor



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com