Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS178 Datasheet(PDF) 14 Page - Lumileds Lighting Company

Part # DS178
Description  Highest power density, superior efficiency, powered by leading Chip Scale Package (CSP) technology
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS178 Datasheet(HTML) 14 Page - Lumileds Lighting Company

Back Button DS178 Datasheet HTML 10Page - Lumileds Lighting Company DS178 Datasheet HTML 11Page - Lumileds Lighting Company DS178 Datasheet HTML 12Page - Lumileds Lighting Company DS178 Datasheet HTML 13Page - Lumileds Lighting Company DS178 Datasheet HTML 14Page - Lumileds Lighting Company DS178 Datasheet HTML 15Page - Lumileds Lighting Company DS178 Datasheet HTML 16Page - Lumileds Lighting Company DS178 Datasheet HTML 17Page - Lumileds Lighting Company DS178 Datasheet HTML 18Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
DS178 LUXEON UV U Line Product Datasheet 20170711 ©2017 Lumileds Holding B.V. All rights reserved.
13
Figure 7b. Typical peak wavelength vs. junction temperature for LUXEON UV U2 at 1000mA.
Figure 7a. Typical peak wavelength vs. junction temperature for LUXEON UV U1 at 500mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com